Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 22 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 22 Page - NEC

Back Button UPD17072 Datasheet HTML 18Page - NEC UPD17072 Datasheet HTML 19Page - NEC UPD17072 Datasheet HTML 20Page - NEC UPD17072 Datasheet HTML 21Page - NEC UPD17072 Datasheet HTML 22Page - NEC UPD17072 Datasheet HTML 23Page - NEC UPD17072 Datasheet HTML 24Page - NEC UPD17072 Datasheet HTML 25Page - NEC UPD17072 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
µPD17072,17073
22
2.4 Execution Flow of Program Memory
Execution of the program is controlled by the program counter which specifies an address of the program memory.
Figure 2-4 shows the values to be set to the program counter when each instruction is executed.
Table 2-1 shows the vector addresses that are to be set to the program counter when each interrupt occurs.
Figure 2-4. Specification by Program Counter On Execution of Each Instruction
Table 2-1. Interrupt Vector Address
Priority
Internal/external
Interrupt source
Vector address
1
External
INT pin
0003H
2
External
Basic timer 1
0002H
3
External
Serial interface
0001H
2.5 Notes on Using Program Memory
(1)
µPD17072
The program memory addresses of the
µPD17072 are 0000H through 0BFFH. However, because the
addresses that can be specified by the program counter (PC) are 0000H through 0FFFH, keep the following
points in mind when specifying a program memory address:
•
Be sure to write a branch instruction to address 0BFFH, when writing an instruction to this address.
•
Do not write an instruction to addresses 0C00H through 0FFFH.
•
Do not branch to addresses 0C00H through 0FFFH.
(2) With
µPD17073
The program memory addresses of the
µPD17073 are 0000H through 0FFFH. Keep the following point in mind:
•
Be sure to write a branch instruction to address 0FFFH, when writing an instruction to this address.
Program counter
Instruction
BR addr
CALL addr
BR @AR
CALL @AR
MOVT DBF, @AR
RET
RETSK
RETI
Power-ON reset, CE reset
Page 0
Page 1
0
1
Instruction operand (addr)
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Contents of program counter (PC)
Vector address of each interrupt
0000
00000000
Instruction operand (addr)
Contents of address register
Contents of address stack register (ASR)
specified by stack pointer (SP)
(Return address)
When interrupt is accepted
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com