Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 82 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 82 Page - NEC

Back Button UPD17072 Datasheet HTML 78Page - NEC UPD17072 Datasheet HTML 79Page - NEC UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC UPD17072 Datasheet HTML 82Page - NEC UPD17072 Datasheet HTML 83Page - NEC UPD17072 Datasheet HTML 84Page - NEC UPD17072 Datasheet HTML 85Page - NEC UPD17072 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
µPD17072,17073
82
12. TIMER
The timers are used to control the program execution time.
12.1 General
As shown in this figure, the
µPD17013 is provided with the following two timers:
• Basic timer 0
• Basic timer 1
The basic timer 0 is used to detect the status of a flip-flop that is set at fixed time intervals.
The basic timer 1 is used to issue an interrupt request at fixed time intervals.
The basic timer 0 can also be used to detect a power failure. The clock of each timer is generated by dividing the
system clock (75 kHz).
12.2 Basic Timer 0
12.2.1 General
Figure 12-1 outlines the basic timer 0.
The basic timer 0 is used as a timer by detecting the status of a flip-flop which is set at fixed time intervals, by using
the BTM0CY flag (BANK1 of RAM: address 51H, bit 0).
The content of the flip-flop corresponds to the BTM0CY flag on a one-to-one basis.
The set time for BTM0CY flag (BTM0CY flag set pulse) is 125 ms (8 Hz).
If the BTM0CY flag is read for the first time after power-ON reset, its content is always “0”. After that, the flag is
set to “1” at fixed time intervals.
If the CE pin goes high, CE reset is effected when the BTM0CY flag is set next time.
By reading the content of the BTM0CY flag at system reset (power-ON reset and CE reset), therefore, a power
failure can be detected.
For details on power failure detection, refer to 20. RESET.
Figure 12-1. Outline of Basic Timer 0
Divider
125 ms (8 Hz)
75 kHz
Basic timer
0 carry FF
Set/clear
BTM0CY flag
Remark
BTM0CY (bit 0 of basic timer 0 carry register: refer to Figure 12-2) detects the status of the flip-flop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com