Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 41 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 41 Page - NEC

Back Button UPD17072 Datasheet HTML 37Page - NEC UPD17072 Datasheet HTML 38Page - NEC UPD17072 Datasheet HTML 39Page - NEC UPD17072 Datasheet HTML 40Page - NEC UPD17072 Datasheet HTML 41Page - NEC UPD17072 Datasheet HTML 42Page - NEC UPD17072 Datasheet HTML 43Page - NEC UPD17072 Datasheet HTML 44Page - NEC UPD17072 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 226 page
background image
41
µPD17072,17073
7.2 Configuration and Function of Each Block
7.2.1 Functions of ALU
The ALU performs arithmetic operation, logical operation, bit judgment, comparison, rotation, and transfer of 4-
bit data as the instruction specified by the program.
7.2.2 Temporary registers A and B
Temporary registers A and B temporarily stores 4-bit data.
These registers are automatically used when an instruction is executed and cannot be controlled by program.
7.2.3 Program status word
The program status word controls the operations of the ALU and stores the status of the ALU. For details, refer
to 5.4 Program Status Word (PSWORD).
7.2.4 Decimal adjuster circuit
When the BCD flag of the program status word is set to 1 during an arithmetic operation, the result of the operation
is converted into decimal numbers by the decimal adjuster circuit.
7.2.5 Address control circuit
The address control circuit specifies an address of the data memory.
7.3 ALU Processing Instructions
Table 7-1 shows the operations of the ALU when each instruction is executed.
Table 7-2 shows the decimal adjusted data when a decimal operation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com