Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 124 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 124 Page - NEC

Back Button UPD17072 Datasheet HTML 120Page - NEC UPD17072 Datasheet HTML 121Page - NEC UPD17072 Datasheet HTML 122Page - NEC UPD17072 Datasheet HTML 123Page - NEC UPD17072 Datasheet HTML 124Page - NEC UPD17072 Datasheet HTML 125Page - NEC UPD17072 Datasheet HTML 126Page - NEC UPD17072 Datasheet HTML 127Page - NEC UPD17072 Datasheet HTML 128Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 226 page
background image
µPD17072,17073
124
Table 14-4. Operation in Two-Wire Serial I/O Mode
Operation mode
Slave operation (SIOCK1 = SIOCK0 = 0)
Master operation (SIOCK1 = SIOCK0 = other than 0)
Item
During wait (SIOTS = 0)
Wait released (SIOTS = 1)
During wait (SIOTS = 0)
Wait released (SIOTS = 1)
Status of
SCK/P0B2
• When P0BBIO2 = 0
• When P0BBIO2 = 0
• When P0BBIO2 = 0
• When P0BBIO2 = 0
each pin
General-purpose input port
External clock input port
General-purpose input port
General-purpose input port
• When P0BBIO2 = 1
• When P0BBIO2 = 1
• When P0BBIO2 = 1
• When P0BBIO2 = 1
General-purpose output
General-purpose output
Waits for internal clock
Internal clock output
port
port
output
SI/SO1/P0B3
SIOSEL = 0
• When P0BBIO3 = 0
• When P0BBIO3 = 0
• When P0BBIO3 = 0
• When P0BBIO3 = 0
General-purpose input port
Serial input
General-purpose input port
Serial input
• When P0BBIO3 = 1
• When P0BBIO3 = 1
• When P0BBIO3 = 1
• When P0BBIO3 = 1
General-purpose output
General-purpose output
General-purpose output
General-purpose output
port
port
port
port
SIOSEL = 0
Waits for serial output
Serial output regardless of
Waits for serial output
Serial output regardless of
regardless of P0BBIO3
P0BBIO3
regardless of P0BBIO3
P0BBIO3
SO0/P1C0
SIOHIZ = 1
General-purpose output port
Program counter
Incremented at falling edge of SCK pin
Operation of
Output
• When SIOSEL = 1
presettable
Shifted from MSB and output from SIO1 pin at falling edge of SCK pin
shift register
Input
• When SIOSEL = 0
Shifted from LSB and status of SI pin is input at rising edge of SCK pin.
If SI pin is set in output port mode, however, contents of output latch are input.
––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––
––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––
––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––– ––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com