Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 179Page - Texas Instruments AM3874 Datasheet HTML 180Page - Texas Instruments AM3874 Datasheet HTML 181Page - Texas Instruments AM3874 Datasheet HTML 182Page - Texas Instruments AM3874 Datasheet HTML 183Page - Texas Instruments AM3874 Datasheet HTML 184Page - Texas Instruments AM3874 Datasheet HTML 185Page - Texas Instruments AM3874 Datasheet HTML 186Page - Texas Instruments AM3874 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
7.3.12 PCIE Reset Isolation
The device supports reset isolation for the PCI Express (PCIE) module. This means that the PCI Express
Subsystem can be reset without resetting the rest of the device.
When the devcie is a PCI Express Root Complex (RC), the PCIE Subsystem can be reset by software
through the PRCM. Software should ensure that there are no ongoing PCIE transactions before asserting
this reset by first taking the PCIE Subsystem into the IDLE state. After bringing the PCIE Subsystem out
of reset, bus enumeration should be performed again and should treat all Endpoints (EP) as if they had
just been connected.
When the device is a PCI Express Endpoint (EP), the PCIE Subsystem will generate an interrupt when an
in-band reset is received. Software should process this interrupt by putting the PCIE Subsystem in the
IDLE state and then asserting the PCIE local reset through the PRCM.
All device level resets mentioned in the previous sections, except Test Reset, will also reset the PCIE
Subsystem. Therefore, the PCIE peripheral should issue a Hot Reset to all downstream devices and re-
enumerate the bus upon coming out of reset.
For more detailed information on reset isolation procedures, see the PCIe Reset Isolation section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the AM387x Sitara™ ARM Processors
Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.13 EMAC Switch Reset Isolation
The device supports reset isolation for the Ethernet Switch (EMAC Switch). This allows the device to
undergo all resets listed in Section 7.3.1, System-Level Reset Sources, with the exception of POR Reset,
without disrupting the Ethernet Switch or the traffic being routed through the switch during the reset
condition. The following reset types can optionally provide an EMAC Switch reset isolation by setting the
ISO_CONTROL bit in the RESET_ISO Control Module register to a "1":
•
External Warm Reset
•
Emulation Warm Reset
•
Watchdog Reset
•
Software Global Cold Reset
•
Software Global Warm Reset
When one of above resets occurs and the Ethernet Switch (EMAC Switch) is programmed to be isolated:
•
The switch function of the EMAC Switch and the PLL embedded in the SATA SERDES Module (which
provides the reference clocks to the EMAC Switch) will not be reset.
•
Several Control Module registers are not reset. For more details, see the description of the
RESET_ISO register in the Control Module chapter of the AM387x Sitara™ ARM Processors Technical
Reference Manual (Literature Number: SPRUGZ7).
•
The pin multiplexing of some of the EMAC Switch pins is unaffected. For more details, see the
description of the RESET_ISO register in the Control Module chapter of the AM387x Sitara™ ARM
Processors Technical Reference Manual (Literature Number: SPRUGZ7).
The EMAC Switch is always reset when:
•
One of the above resets occurs and the Ethernet Switch is programmed to be “not isolated”
•
A POR Reset occurs
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
183
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com