Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 182Page - Texas Instruments AM3874 Datasheet HTML 183Page - Texas Instruments AM3874 Datasheet HTML 184Page - Texas Instruments AM3874 Datasheet HTML 185Page - Texas Instruments AM3874 Datasheet HTML 186Page - Texas Instruments AM3874 Datasheet HTML 187Page - Texas Instruments AM3874 Datasheet HTML 188Page - Texas Instruments AM3874 Datasheet HTML 189Page - Texas Instruments AM3874 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 361 page
background image
RESET STATE
DEV_CLKIN/
AUX_CLKIN
(A)
POR
RESET
BTMODE[15:0]
Other I/O Pins
(C)
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
2
3
5
Config
5
Hi-Z
7
RSTOUT_WD_OUT
9
BTMODE[11]
(B)
1
Hi-Z
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 7-10. Switching Characteristics Over Recommended Operating Conditions During Reset
(see Figure 7-5) (continued)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
td(PORH-
Delay time, POR high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
9
0
2P
ns
RSTOUTL)
value(1)(2)
td(RSTH-
Delay time, RESET high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
10
0
2P
ns
RSTOUTD)
value(1)(2)
Figure 7-4 shows the Power-Up Timing. Figure 7-5 shows the Warm Reset (RESET) Timing. Max Reset
Timing is identical to Warm Reset Timing, except the BTMODE[15:0] pins are not re-latched.
A.
Power supplies and DEV_CLKIN/AUX_CLKIN must be stable before the start of tw(RESET).
B.
RSTOUT_WD_OUT only asserted if BTMODE[11] was latched as a "0" when coming out of reset.
C.
For more detailed information on the RESET STATE of each pin, see Section 7.3.17, Pin Behaviors at Reset. Also
see Section 3.2, Terminal Functions for the IPU/IPD settings during reset.
Figure 7-4. Power-Up Timing
186
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com