Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 184 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 184 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 180Page - Texas Instruments AM3874 Datasheet HTML 181Page - Texas Instruments AM3874 Datasheet HTML 182Page - Texas Instruments AM3874 Datasheet HTML 183Page - Texas Instruments AM3874 Datasheet HTML 184Page - Texas Instruments AM3874 Datasheet HTML 185Page - Texas Instruments AM3874 Datasheet HTML 186Page - Texas Instruments AM3874 Datasheet HTML 187Page - Texas Instruments AM3874 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
7.3.14 RSTOUT_WD_OUT Pin
The RSTOUT_WD_OUT pin reflects device reset status and is de-asserted (high) when the device is out
reset. This output will always be asserted when a Watchdog Timer reset (Watchdog Reset) occurs. In
addition, this output is always 3-stated and the internal pull resistor is disabled on this pin while POR
and/or RESET is asserted; therefore, an external pullup/pulldown can be used to set the state of this pin
(high/low) while POR and/or RESET is asserted. For more detailed information on external PUs/PDs, see
Section 4.5.1, Pullup/Pulldown Resistors.
If the BTMODE[11] pin is latched as a "0" at the rising edge of POR or RESET, then RSTOUT_WD_OUT
is also asserted when any of the below resets occur:
•
Power-On Reset (asserted after the BTMODE[11] pin is latched)
•
External Warm Reset (asserted after the BTMODE[11] pin is latched)
•
Emulation Warm Reset
•
Software Global Cold/Warm Reset
The RSTOUT_WD_OUT pin remains asserted until the PRCM releases the host ARM Cortex-A8
processor for reset.
7.3.15 Effect of Reset on Emulation and Trace
The device Emulation and Trace Logic will only be reset by the following sources:
•
Power-On Reset
•
Software Global Cold Reset
•
Test Reset
Other than these three reset types, none of the other resets will affect the Emulation and Trace Logic.
However, the multiplexing of the EMU[4:2] pins is reset by all system reset types except Test Reset.
7.3.16 Reset During Power Domain Switching
Each Power Domain has a dedicated Warm Reset and Cold Reset. Warm Reset for a Power Domain is
asserted under either of the following two conditions:
1. An External Warm Reset, Emulation Warm Reset, or Software Global Warm Reset occurs
2. When that Power Domain switches from the "ON" state to the "OFF" state
Cold Reset for a Power Domain is asserted under either of the following two conditions:
1. Power-On Reset or Software Global Cold Reset occurs
2. When that Power Domain switches from the "OFF" state to the "ON" state
7.3.17 Pin Behaviors at Reset
When any reset, other than Test Reset, (all described in Section 7.3.1, System-Level Reset Sources) is
asserted, all device I/O pins are reset into a Hi-Z state except for:
•
Emulation Pins. These pins are only put into a Hi-Z state when Test Reset (TRST) is asserted.
•
EMAC Switch Pins. These pins are always put into a Hi-Z state during Power-On Reset. However,
some EMAC Switch pins will not be put into a Hi-Z state during the other reset modes when the
ISO_CONTROL bit in the RESET_ISO register of the Control Module is programmed as a "1". For
more details, see the description of the RESET_ISO register in the Control Module chapter of the
AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
•
RSTOUT_WD_OUT Pin during any reset types except for POR and RESET. For more detailed
information on RSTOUT_WD_OUT pin behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
184
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com