Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 185 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 181Page - Texas Instruments AM3874 Datasheet HTML 182Page - Texas Instruments AM3874 Datasheet HTML 183Page - Texas Instruments AM3874 Datasheet HTML 184Page - Texas Instruments AM3874 Datasheet HTML 185Page - Texas Instruments AM3874 Datasheet HTML 186Page - Texas Instruments AM3874 Datasheet HTML 187Page - Texas Instruments AM3874 Datasheet HTML 188Page - Texas Instruments AM3874 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
•
DDR[0]/[1] Address/Control Pins (CLK, CLK, CKE, WE, CS[1]/[0], RAS, CAS, ODT[1]/[0], RST,
BA[2:0], A[14:0]). These pins are 3-stated during reset. However, these pins are then driven to the
same value as their internal pull resistor reset value when reset is released (For the direction of the
internal pull during reset, see the DDR[0]/[1] Terminal Functions tables in the Section 3.2.4,
DDR2/DDR3 Memory Controller of this document).
In addition, the PINCNTL registers, which control pin multiplexing, enabling the IPUs/IPDs, and enabling
the receiver, are reset to their default state. Again, enabling the EMAC Switch reset isolation prevents
some PINCNTL registers from being reset.
For details on EMAC Switch reset isolation, see the descriptions of the RESET_ISO register and the
PINCNTL registers in the Control Module chapter of the AM387x Sitara™ ARM Processors Technical
Reference Manual (Literature Number: SPRUGZ7).
Internal pull-up/down (IPU/IPD) resistors are enabled during and immediately after reset as described in
Section 3.2, Terminal Functions of this document.
NOTE
Upon coming out of reset, the ARM Cortex-A8 starts executing code from the internal Boot
ROM. The Boot ROM code modifies the PINCNTLx registers to configure the associated
pins for the chosen primary and backup Bootmodes. For more details on the Boot ROM
effects on pin multiplexing, see the ROM Code Memory and Peripheral Booting and Control
Module chapters of the AM387x Sitara™ ARM Processors Technical Reference Manual
(Literature Number: SPRUGZ7).
7.3.18 Reset Electrical Data/Timing
Table 7-9. Timing Requirements for Reset (see Figure 7-4 and Figure 7-5)
OPP100
NO.
UNIT
MIN
MAX
1
tw(RESET)
Pulse duration, POR low or RESET low
12P(1)
ns
POR
2P(2)
ns
Setup time, BTMODE[15:0] pins valid before POR high or
2
tsu(BOOT)
RESET high
RESET
2P(2)
ns
3
th(BOOT)
Hold time, BTMODE[15:0] pins valid after POR high or RESET high
0
ns
(1)
The device clock source must be stable and at a valid frequency prior to meeting the tw(RESET) requirement.
(2)
P = 1/(DEV Clock) frequency in ns.
Table 7-10. Switching Characteristics Over Recommended Operating Conditions During Reset
(see Figure 7-5)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
td(RSTL-
4
Delay time, RESET low or POR low to all I/Os entering their reset state
14
ns
IORST)
td(RSTH-
5
Delay time, RESET high or POR high to all I/Os exiting their reset state
14
ns
IOFUNC)
RESET assertion tw(RESET)
0
2P
ns
≥ 30P
td(RSTH-
6
Delay time, RESET high to RSTOUT_WD_OUT high(1)(2)
RSTOUTH)
RESET assertion tw(RESET)
32P -
0
ns
< 30P
tw(RESET)
td(PORH-
7
Delay time, POR high to RSTOUT_WD_OUT high(1)(2)
0
12500P
ns
RSTOUTH)
td(RSTL-
8
Delay time, RESET low to RSTOUT_WD_OUT Hi-Z(1)(2)
0
2P
ns
RSTOUTZ)
(1)
For more detailed information on RSTOUT_WD_OUT pin behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
(2)
P = 1/(DEV Clock) frequency in ns.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
185
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com