Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 187Page - Texas Instruments AM3874 Datasheet HTML 188Page - Texas Instruments AM3874 Datasheet HTML 189Page - Texas Instruments AM3874 Datasheet HTML 190Page - Texas Instruments AM3874 Datasheet HTML 191Page - Texas Instruments AM3874 Datasheet HTML 192Page - Texas Instruments AM3874 Datasheet HTML 193Page - Texas Instruments AM3874 Datasheet HTML 194Page - Texas Instruments AM3874 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 361 page
background image
(
)
C C
1
2
CL
C
C
1
2
=
+
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
C1
C2
Crystal
VSSA_AUXOSC
Rd
(Optional)
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Figure 7-8. Auxiliary Oscillator
The load capacitors, C1 and C2 in the above pictures, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated oscillator
MXI, MXO, and VSS pins.
Table 7-11. Input Requirements for Crystal Circuit on the Device Oscillator (DEVOSC)
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency(1)
20
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
If Ethernet not used
±200
If MII is used and
Crystal Frequency Stability
±100
ppm
RGMII, RMII not used
If RGMII, or RMII used
±50
(1)
20-MHz DEV clock is required for all bootmodes other than Fast XIP. For more detailed information on boot modes, see the ROM Code
Memory and Peripheral Booting chapter of the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number:
SPRUGZ7).
Table 7-12. Input Requirements for Crystal Circuit on the Auxiliary Oscillator (AUXOSC)
PARAMETER
MIN
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
Crystal Frequency stability(1)
±50
ppm
(1)
Applies only when sourcing the HDMI or HDVPSS DAC clocks from the AUXOSC
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
191
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com