Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 193 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 189Page - Texas Instruments AM3874 Datasheet HTML 190Page - Texas Instruments AM3874 Datasheet HTML 191Page - Texas Instruments AM3874 Datasheet HTML 192Page - Texas Instruments AM3874 Datasheet HTML 193Page - Texas Instruments AM3874 Datasheet HTML 194Page - Texas Instruments AM3874 Datasheet HTML 195Page - Texas Instruments AM3874 Datasheet HTML 196Page - Texas Instruments AM3874 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 7-13. SERDES_CLKN/P AC Coupling Capacitors Recommendations (continued)
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor package size(1)(2)
0402
0603
EIA
(1)
L x W, 10 Mil units, that is, a 0402 is a 40 x 20 Mil surface mount capacitor.
(2)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side-by-side.
The differential clock source is required to meet the REFCLK AC Specifications outlined in the PCI
EXPRESS CARD ELECTROMECHANICAL SPECIFICATION, REV. 2.0, at the input to the AC coupling
capacitors.
In addition, LVDS clock sources that are compliant to the above specification, but with the following
exceptions, are also acceptable:
Table 7-14. Acceptable Exceptions to the REFCLK AC Specifications for LVDS Clock Sources
PARAMETER
MIN
MAX
UNIT
VIH
Differential High-Level Input Voltage
125
1000
mV
VIL
Differential Low-Level Input Voltage
-1000
-125
mV
7.4.3
AUD_CLKINx Input Clocks
External clock inputs can optionally be provided at the AUD_CLKIN0/1/2 pins to serve as a reference
clocks for the following modules:
•
McASP3/4/5
•
McBSP
•
TIMER1/2/3/4/5/6/7/8
7.4.4
CLKIN32 Input Clock
An external 32768-Hz clock input can optionally be provided at the CLKIN32 pin to serve as a reference
clock in place of the RTCDIVIDER clock for the following Modules:
•
RTC
•
GPIO0/1/2/3
•
TIMER1/2/3/4/5/6/7/8
•
ARM Cortex-A8
•
SYNCTIMER
The CLKIN32 source must meet the timing requirements shown in Table 7-18.
7.4.5
External Input Clocks
There are three pins referred to as AUD_CLKIN0,1,2 which are used as optional sources for HDMI I2S,
McASP, McBSP and TIMER1-8. The maximum IO pin frequency for these three input clocks is 50MHz.
7.4.6
Output Clocks Select Logic
The device includes two selectable general-purpose clock outputs (CLKOUT0 and CLKOUT1). The source
for these output clocks is controlled by the CLKOUT_MUX register in the Control Module (see Figure 7-
11).
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
193
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com