Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 188Page - Texas Instruments AM3874 Datasheet HTML 189Page - Texas Instruments AM3874 Datasheet HTML 190Page - Texas Instruments AM3874 Datasheet HTML 191Page - Texas Instruments AM3874 Datasheet HTML 192Page - Texas Instruments AM3874 Datasheet HTML 193Page - Texas Instruments AM3874 Datasheet HTML 194Page - Texas Instruments AM3874 Datasheet HTML 195Page - Texas Instruments AM3874 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 361 page
background image
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
NC
VSSA_AUXOSC
DEVOSC_MXI/
DEV_CLKIN
DEVOSC_MXO
NC
VSSA_DEVOSC
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
7.4.1.2
Using a 1.8V LVCMOS-Compatible Clock Input
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillators as the DEV and
AUX clock inputs to the system. The external connections to support this are shown in Figure 7-9 and
Figure 7-10. The DEV_CLKIN and AUX_CLKIN pins are connected to the 1.8-V LVCMOS-Compatible
clock sources. The DEV_MXO and AUX_MXO pins are left unconnected. The VSSA_DEVOSC and
VSSA_AUXOSC pins are connected to board ground (VSS).
Figure 7-9. 1.8-V LVCMOS-Compatible Clock Input (DEV_OSC)
Figure 7-10. 1.8-V LVCMOS-Compatible Clock Input (AUX_OSC)
The clock source must meet the DEVOSC_MXI/DEV_CLKIN timing requirements shown in Table 7-15,
Timing Requirements for DEVOSC_MXI/DEV_CLKIN.
The clock source must meet the AUXOSC_MXI/AUX_CLKIN timing requirements shown in Table 7-16,
Timing Requirements for AUXOSC_MXI/AUX_CLKIN.
7.4.2
SERDES_CLKN/P Input Clock
A high-quality, low-jitter differential clock source is required for the PCIE PHY and is an optional clock
source for the SATA PHY. The clock is required to be AC coupled to the SERDES_CLKP and
SERDES_CLKN device pins according to the specifications in Table 7-13. Both the clock source and the
coupling capacitors should be placed physically as close to the processor as possible. In addition, make
sure to follow any PCB routing and termination recommendations that the clock source manufacturer
recommends.
Table 7-13. SERDES_CLKN/P AC Coupling Capacitors Recommendations
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor value
0.24
0.27
1.0
nF
192
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com