Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 195Page - Texas Instruments AM3874 Datasheet HTML 196Page - Texas Instruments AM3874 Datasheet HTML 197Page - Texas Instruments AM3874 Datasheet HTML 198Page - Texas Instruments AM3874 Datasheet HTML 199Page - Texas Instruments AM3874 Datasheet HTML 200Page - Texas Instruments AM3874 Datasheet HTML 201Page - Texas Instruments AM3874 Datasheet HTML 202Page - Texas Instruments AM3874 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 361 page
background image
x2M
Multiplier
REFCLK
DCOCLK
CLKOUT
DEV Clock
1
2
M
1
2
1
(
1)
N +
1
( 2 1)
N +
DEV/AUX
Clock
xM
Multiplier
REFCLK
CLKDCO
CLKOUT
1
2
M
1
(
1)
N +
1
( 2 1)
N +
CLKOUTx
(Divide-by-1)
1
2
4
4
3
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 7-19. Switching Characteristics Over Recommended Operating Conditions for CLKOUTx (CLKOUT0
and CLKOUT1)(1) (2)
(see Figure 7-16)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLKOUTx)
Cycle time, CLKOUTx
5
ns
2
tw(CLKOUTxH)
Pulse duration, CLKOUTx high
0.45P
0.55P
ns
3
tw(CLKOUTxL)
Pulse duration, CLKOUTx low
0.45P
0.55P
ns
4
tt(CLKOUTx)
Transition time, CLKOUTx
0.05P
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLKOUTx clock frequency in nanoseconds (ns). For example, when CLKOUTx frequency is 200 MHz, use P = 5 ns.
Figure 7-16. CLKOUTx Timing
7.4.8
PLLs
The device contains 12 top-level PLLs, and 4 embedded PLLs (within the ARM Cortex-A8, PCIE, SATA,
and CSI) that provide clocks to different parts of the system. Figure 7-17 and Figure 7-18 show simplified
block diagrams of the Top-Level PLL and PLL_ARM. In addition, see the System Clocking Overview
(Figure 7-6) for a high-level view of the device clock architecture including the PLL reference clock
sources and connections.
Figure 7-17. Top-Level PLL Simplified Block Diagram
Figure 7-18. PLL_ARM Simplified Block Diagram
The reference clock for most of the PLLs comes from the DEV input clock, with select PLLs also having
the option to use the AUX input clock as a reference. Also, each PLL supports a Bypass mode in which
the reference clock can be directly passed to the PLL CLKOUT through a divider. All device PLL’s will
come-up in Bypass mode after reset.
For details on programming the device PLLs, see the Control Module chapter of the AM387x Sitara™
ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
199
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com