Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 197Page - Texas Instruments AM3874 Datasheet HTML 198Page - Texas Instruments AM3874 Datasheet HTML 199Page - Texas Instruments AM3874 Datasheet HTML 200Page - Texas Instruments AM3874 Datasheet HTML 201Page - Texas Instruments AM3874 Datasheet HTML 202Page - Texas Instruments AM3874 Datasheet HTML 203Page - Texas Instruments AM3874 Datasheet HTML 204Page - Texas Instruments AM3874 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 7-23. Top-Level PLL Frequency Ranges (ALL OPPs) (continued)
CLOCK
MIN
MAX
UNIT
CLKOUT
see Table 7-25
see Table 7-25
MHz
Table 7-24. ARM Cortex-A8 Embedded PLL (PLL_ARM) Frequency Ranges (ALL OPPs)
CLOCK
MIN
MAX
UNIT
REFCLK
0.032
52
MHz
DCOCLK
20
2000
MHz
CLKOUT
see Table 7-25
see Table 7-25
MHz
Table 7-25. PLL CLKOUT Frequency Ranges
OPP100
PLL
UNIT
MIN
MAX
PLL_ARM
10
600
MHz
PLL_SGX
10
200
MHz
PLL_L3
10
200
MHz
PLL_DDR
10
400
MHz
PLL_HDVPSS
10
200
MHz
PLL_AUDIO
10
200
MHz
PLL_MEDIACTL
10
400
MHz
PLL_USB
10(1)
960
MHz
PLL_VIDEO0
10
200
MHz
PLL_VIDEO1
10
200
MHz
PLL_VIDEO2
10
200
MHz
(1)
When the USB is used, PLL_USB must be fixed at 960 MHz.
7.4.8.4
PLL Register Descriptions
The PLL Control Registers reside in the Control Module and are listed in Section 4.1, Control Module of
this datasheet.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
201
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com