Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 198Page - Texas Instruments AM3874 Datasheet HTML 199Page - Texas Instruments AM3874 Datasheet HTML 200Page - Texas Instruments AM3874 Datasheet HTML 201Page - Texas Instruments AM3874 Datasheet HTML 202Page - Texas Instruments AM3874 Datasheet HTML 203Page - Texas Instruments AM3874 Datasheet HTML 204Page - Texas Instruments AM3874 Datasheet HTML 205Page - Texas Instruments AM3874 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
7.4.9
SYSCLKs
In some cases, the system clock inputs and PLL outputs are sent to the PRCM Module for division and
multiplexing before being routed to the various device Modules. These clock outputs from the PRCM
Module are called SYSCLKs. Table Table 7-26 lists the device SYSCLKs along with their maximum
supported clock frequencies. In addition, limits shown in these tables may be further restricted by the clock
frequency limitations of the device modules using these clocks. For more details on Module Clock
frequency limits, see Section 7.4.10 Module Clocks.
Table 7-26. Maximum SYSCLK Clock Frequencies(1)
MAX CLOCK FREQUENCY
SYSCLK
OPP100 (MHz)
SYSCLK1
RSV
SYSCLK2
RSV
SYSCLK3
266
SYSCLK4
200
SYSCLK5
RSV
SYSCLK6
100
SYSCLK7
RSV
SYSCLK8
192
SYSCLK9
RSV
SYSCLK10
48
SYSCLK11
RSV
SYSCLK12
RSV
SYSCLK13
RSV
SYSCLK14
27
SYSCLK15
RSV
SYSCLK16
27
SYSCLK17
RSV
SYSCLK18
0.032768
SYSCLK19
192
SYSCLK20
192
SYSCLK21
192
SYSCLK22
RSV
SYSCLK23
200
(1)
The maximum frequencies listed in this table are valid for OPP100. Some of these frequencies have
higher maximum values when OPP120 or OPP166 is used, see Table 7-4
202
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com