Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 320 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 320 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 316Page - Texas Instruments AM3874 Datasheet HTML 317Page - Texas Instruments AM3874 Datasheet HTML 318Page - Texas Instruments AM3874 Datasheet HTML 319Page - Texas Instruments AM3874 Datasheet HTML 320Page - Texas Instruments AM3874 Datasheet HTML 321Page - Texas Instruments AM3874 Datasheet HTML 322Page - Texas Instruments AM3874 Datasheet HTML 323Page - Texas Instruments AM3874 Datasheet HTML 324Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 361 page
background image
MCB_CLK
MCB_FS
MCB_DX
MCB_DR
MCB_DX7
4
5
1
2
3
6
7
MCB_DX6
MCB_DX0
MCB_DR7
MCB_DR6
MCB_DR0
4
5
5
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
A.
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive
output data and capture input data.
B.
MCBSP_CLK corresponds to either MCBSP_CLKX or MCBSP_CLKR; MCBSP_FS corresponds to either
MCBSP_FSX
or
MCBSP_FSR.
McBSP
in
6-pin
mode:
DX
and
DR
as
data
pins;
CLKX,
CLKR,
FSX
and
FSR
as
control
pins.
McBSP in 4-pin mode: DX and DR as data pins; CLKX and FSX pins as control pins. The CLKX and FSX pins are
internally looped back via software configuration, respectively to the CLKR and FSR internal signals for data receive.
C.
The polarity of McBSP frame synchronization is software configurable.
D.
The active clock edge selection of MCBSP_CLK (rising or falling) on which MCBSP_DX data is latched and
MCBSP_DR data is sampled is software configurable.
E.
Timing diagrams are for data delay set to 1.
F.
For further details about the registers used to configure McBSP, see the Multichannel Buffered Serial Port (McBSP)
chapter of the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
Figure 8-83. McBSP Master Mode Timing
Table 8-83. Timing Requirements for McBSP - Slave Mode(1)
(see Figure 8-84)
OPP100/120/166
NO.
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, MCB_CLK period(2)
20.83
ns
2
tw(CLKL)
Pulse duration, MCB_CLK low(2)
0.5*P - 1(3)
ns
3
tw(CLKH)
Pulse duration, MCB_CLK high(2)
0.5*P - 1(3)
ns
4
tsu(FSV-CLKAE)
Setup time, MCB_FS valid before MCB_CLK active edge(2)(4)
3.8
ns
5
th(CLKAE-FSV)
Hold time, MCB_FS valid after MCB_CLK active edge(2)(4)
0.5
ns
7
tsu(DRV-CLKAE)
Setup time, MCB_DR valid before MCB_CLK active edge (2)
3.8
ns
8
th(CLKAE-DRV)
Hold time, MCB_DR valid after MCB_CLK active edge(2)
0.5
ns
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
MCB_CLK corresponds to either MCB_CLKX or MCB_CLKR.
(3)
P = MCB_CLKX/MCB_CLKR output CLK period, in ns; use whichever value is greater. This parameter applies to the maximum McBSP
frequency. Operate serial clocks (CLKX/R) in the reasonable range of 40/60 duty cycle.
(4)
MCB_FS corresponds to either MCB_FSX or MCB_FSR.
Table 8-84. Switching Characteristics Over Recommended Operating Conditions for McBSP - Slave
Mode(1)
(see Figure 8-84)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
6
td(CLKXAE-DXV)
Delay time, input MCB_CLKx active edge to output MCB_DX valid
0.5
12.5
ns
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
320
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com