Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 196 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 196 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 192Page - Infineon Technologies AG PEB2256HT Datasheet HTML 193Page - Infineon Technologies AG PEB2256HT Datasheet HTML 194Page - Infineon Technologies AG PEB2256HT Datasheet HTML 195Page - Infineon Technologies AG PEB2256HT Datasheet HTML 196Page - Infineon Technologies AG PEB2256HT Datasheet HTML 197Page - Infineon Technologies AG PEB2256HT Datasheet HTML 198Page - Infineon Technologies AG PEB2256HT Datasheet HTML 199Page - Infineon Technologies AG PEB2256HT Datasheet HTML 200Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description T1/J1
Data Sheet
196
2002-08-27
T1/J1 Initialization
For a correct start up of the primary access interface a set of parameters specific to the
system and hardware environment must be programmed after RES goes inactive (high).
Both the basic and the operational parameters must be programmed before the
activation procedure of the PCM line starts. Such procedures are specified in ITU-T
recommendations (e.g. fault conditions and consequent actions). Setting optional
parameters primarily makes sense when basic operation via the PCM line is guaranteed.
Table 53 gives an overview of the most important parameters in terms of signals and
control bits which are to be programmed in one of the above steps. The sequence is
recommended but not mandatory. Accordingly, parameters for the basic and operational
set up, for example, can be programmed simultaneously. The bit FMR1.PMOD must
always be kept high (otherwise E1 mode is selected). J1 mode is selected by additionally
setting RC0.SJR = 1.
Features like channel loop-back, idle channel activation, clear channel activation,
extensions for signaling support, alarm simulation, etc. are activated later. Transmission
of alarms (e.g. AIS, remote alarm) and control of synchronization in connection with
consequent actions to remote end and internal system depend on the activation
procedure selected.
MODE
MODE2
MODE3
00
H
00
H
00
H
Signaling controller disabled
RAH(2:1)
RAL(2:1)
FD
H, FFH
FF
H, FFH
Compare register for receive address cleared
GCM(6:1)
all 00
H
Fixed clock mode selected (1.544 MHz on pin MCLK
required).
RTR(4:1)
TTR(4:1)
TSS2
TSS3
all 00
H
all 00
H
00
H
00
H
No time slots selected
Table 52
Initial Values after reset and FMR1.PMOD = 1 (T1/J1) (cont’d)
Register
Initiated
Value
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com