Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 198 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 198 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 194Page - Infineon Technologies AG PEB2256HT Datasheet HTML 195Page - Infineon Technologies AG PEB2256HT Datasheet HTML 196Page - Infineon Technologies AG PEB2256HT Datasheet HTML 197Page - Infineon Technologies AG PEB2256HT Datasheet HTML 198Page - Infineon Technologies AG PEB2256HT Datasheet HTML 199Page - Infineon Technologies AG PEB2256HT Datasheet HTML 200Page - Infineon Technologies AG PEB2256HT Datasheet HTML 201Page - Infineon Technologies AG PEB2256HT Datasheet HTML 202Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description T1/J1
Data Sheet
198
2002-08-27
Specific T1/J1 Initialization
The following is a suggestion for a basic initialization to meet most of the T1/J1
requirements. Depending on different applications and requirements any other
initialization can be used.
Table 54
Line Interface Initialization (T1/J1)
Register
Function
FMR0.XC0/1
FMR0.RC0/1
LIM1.DRS
CCB(3:1)
SIC3.CMI
The FALC56 supports requirements for the analog line interface
as well as the digital line interface. For the analog line interface the
codes AMI (with and without bit 7stuffing) and B8ZS are
supported. For the digital line interface modes (dual- or single-rail)
the FALC56 supports AMI (with and without bit 7 stuffing), B8ZS
(with and without B8ZS precoding) and NRZ.
PCD = 0A
H
LOS detection after 176 consecutive “zeros” (fulfills G.775/
Telcordia (Bellcore)/AT&T)
PCR = 15
H
LOS recovery after 22 “ones” in the PCD interval (fulfills G.775,
Bellcore/AT&T).
LIM1.RIL(2:0)
=02
H
LOS threshold of 0.6 V (fulfills G.775).
GCR.SCI = 1
Additional Recovery Interrupts. Help to meet alarm activation and
deactivation conditions in time.
LIM2.LOS1 = 1
Automatic pulse-density check on 15 consecutive zeros for LOS
recovery condition (Bellcore requirement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com