Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 197 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 197 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 193Page - Infineon Technologies AG PEB2256HT Datasheet HTML 194Page - Infineon Technologies AG PEB2256HT Datasheet HTML 195Page - Infineon Technologies AG PEB2256HT Datasheet HTML 196Page - Infineon Technologies AG PEB2256HT Datasheet HTML 197Page - Infineon Technologies AG PEB2256HT Datasheet HTML 198Page - Infineon Technologies AG PEB2256HT Datasheet HTML 199Page - Infineon Technologies AG PEB2256HT Datasheet HTML 200Page - Infineon Technologies AG PEB2256HT Datasheet HTML 201Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description T1/J1
Data Sheet
197
2002-08-27
,
Note: Read access to unused register addresses: value should be ignored.
Write access to unused register addresses: should be avoided, or set to “00”hex.
All control registers (except XFIFO, XS(12:1), CMDR, DEC) are of type read/write
Table 53
Initialization Parameters (T1/J1)
Basic Set Up
T1
J1
Master clocking mode
GCM(6:1) according to external MCLK clock frequency
T1/J1 mode select
FMR1.PMOD = 1,
RC0.SJR = 0
FMR1.PMOD = 1,
RC0.SJR = 1
Specification of line
interface and clock
generation
LIM0, LIM1, XPM(2:0)
Line interface coding
FMR0.XC(1:0), FMR0.RC(1:0)
Loss-of-signal detection/
recovery conditions
PCD, PCR, LIM1, LIM2
System clocking and data
rate
SIC1.SSC(1:0), SIC1.SSD1, FMR1.SSD0, CMR1.IRSP/
IRSC/IXSP/IXSC
Channel translation mode
FMR1.CTM
Transmit offset counters
XC0.XCO, XC1.XTO
Receive offset counters
RC0.RCO, RC1.RTO
AIS to system interface
FMR2.DAIS/SAIS
Operational Set Up
Select framing
FMR4.FM(1:0)
Framing additions
FMR1.CRC, FMR0.SRAF
Synchronization mode
FMR4.AUTO, FMR4.SSC(1:0), FMR2.MCSP,
FMR2.SSP
Signaling mode
FMR5.EIBR, XC0.BRM, MODE, MODE2, MODE3,
CCR1, CCR2, RAH(2:1), RAL(2:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com