Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 199 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 199 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 195Page - Infineon Technologies AG PEB2256HT Datasheet HTML 196Page - Infineon Technologies AG PEB2256HT Datasheet HTML 197Page - Infineon Technologies AG PEB2256HT Datasheet HTML 198Page - Infineon Technologies AG PEB2256HT Datasheet HTML 199Page - Infineon Technologies AG PEB2256HT Datasheet HTML 200Page - Infineon Technologies AG PEB2256HT Datasheet HTML 201Page - Infineon Technologies AG PEB2256HT Datasheet HTML 202Page - Infineon Technologies AG PEB2256HT Datasheet HTML 203Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description T1/J1
Data Sheet
199
2002-08-27
Table 55
Framer Initialization (T1/J1)
Register
Function
T1
J1
FMR4.SSC1/0
Selection of framing sync conditions
FMR4.FM1/0
Select framing format
FMR2.AXRA = 1
The transmission of RAI via the line interface is done automatically
by the FALC56 in case of Loss of Frame Alignment
(FRS0.LFA = 1). If framing has been reinstalled RAI is
automatically reset
FMR4.AUTO = 1
Automatic synchronization in case of definite framing candidate
(FRS0.FSRF).
In case of multiple framing candidates and CRC6 errors different
resynchronization conditions can be programmed via
FMR2.MCSP/SSP.
RCO.SJR
1) =1
FMR0.SRAF = 0
XSW.XRA = 1
1)
Remote alarm handling and CRC6 calculation are commonly selected by RC0.SJR
Remote alarm handling via DL-
channel according to ITU-T
JG.704 using pattern
"1111111111111111"
RCO.SJR = 0
CRC6 calculation without FS/
DL-bits
RCO.SJR = 1
CRC6 calculation including FS/
DL-bits
FMR4.AUTO = 1
Automatic synchronization in case of definite framing candidate
(FRS0.FSRF). In case of multiple framing candidates and CRC6
errors different resynchronization conditions can be programmed
via FMR2.MCSP/SSP.
FMR4.SSC1 = 1
FMR4.SSC0 = 1
FMR2.MCSP = 0
FMR2.SSP = 1
Synchronization and
resynchronization conditions,
for details see register
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com