Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 28Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 29Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 30Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 31Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 32Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 33Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 34Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 35Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.29 PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMHE = 0, DVCC = 3.6 V
0
nA
I(SVMH)
SVMH current consumption
SVMHE= 1, DVCC = 3.6 V, SVMHFP = 0
200
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
1.5
µA
SVMHE = 1, SVSMHRRL = 0
1.62
1.74
1.85
SVMHE = 1, SVSMHRRL = 1
1.88
1.94
2.07
SVMHE = 1, SVSMHRRL = 2
2.07
2.14
2.28
SVMHE = 1, SVSMHRRL = 3
2.20
2.30
2.42
V(SVMH)
SVMH on or off voltage level
(1)
SVMHE = 1, SVSMHRRL = 4
2.32
2.40
2.55
V
SVMHE = 1, SVSMHRRL = 5
2.52
2.70
2.88
SVMHE = 1, SVSMHRRL = 6
2.90
3.10
3.23
SVMHE = 1, SVSMHRRL = 7
2.90
3.10
3.23
SVMHE = 1, SVMHOVPE = 1
3.75
SVMHE = 1, dVDVCC/dt = 10 mV/µs,
2.5
SVMHFP = 1
tpd(SVMH)
SVMH propagation delay
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs,
20
SVMHFP = 0
SVMHE = 0
→ 1, dVDVCC/dt = 10 mV/µs,
12.5
SVMHFP = 1
t(SVMH)
SVMH on or off delay time
µs
SVMHE = 0
→ 1, dVDVCC/dt = 1 mV/µs,
100
SVMHFP = 0
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208) on recommended settings and use.
5.30 PMM, SVS Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSLE = 0, PMMCOREV = 2
0
nA
I(SVSL)
SVSL current consumption
SVSLE = 1, PMMCOREV = 2, SVSLFP = 0
200
SVSLE = 1, PMMCOREV = 2, SVSLFP = 1
1.5
µA
SVSLE = 1, dVCORE/dt = 10 mV/µs,
2.5
SVSLFP = 1
tpd(SVSL)
SVSL propagation delay
µs
SVSLE = 1, dVCORE/dt = 1 mV/µs,
20
SVSLFP = 0
SVSLE = 0
→ 1, dVCORE/dt = 10 mV/µs,
12.5
SVSLFP = 1
t(SVSL)
SVSL on or off delay time
µs
SVSLE = 0
→ 1, dVCORE/dt = 1 mV/µs,
100
SVSLFP = 0
32
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com