Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 10Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 11Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 12Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 13Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 14Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
Table 4-1. Terminal Functions (continued)
TERMINAL
NO.(2)
I/O(1)
SUPPLY
DESCRIPTION
NAME
RGC
ZQE
General-purpose digital I/O with port interrupt
Slave transmit enable – USCI_B3 SPI mode
P2.5/UCB3STE/UCA3CLK(5)
31
J8
I/O
DVIO
Clock signal input – USCI_A3 SPI slave mode
Clock signal output – USCI_A3 SPI master mode
General-purpose digital I/O with port interrupt
P2.6/RTCCLK/DMAE0(5)
32
J9
I/O
DVIO
RTC clock output for calibration
DMA external trigger input
General-purpose digital I/O
Slave transmit enable – USCI_B0 SPI mode
P2.7/UCB0STE/UCA0CLK(5)
33
H7
I/O
DVIO
Clock signal input – USCI_A0 SPI slave mode
Clock signal output – USCI_A0 SPI master mode
General-purpose digital I/O
P3.0/UCB0SIMO/UCB0SDA(5)
34
H8
I/O
DVIO
Slave in, master out – USCI_B0 SPI mode
I2C data – USCI_B0 I2C mode
General-purpose digital I/O
P3.1/UCB0SOMI/UCB0SCL(5)
35
H9
I/O
DVIO
Slave out, master in – USCI_B0 SPI mode
I2C clock – USCI_B0 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B0 SPI slave mode
P3.2/UCB0CLK/UCA0STE(5)
36
G8
I/O
DVIO
Clock signal output – USCI_B0 SPI master mode
Slave transmit enable – USCI_A0 SPI mode
General-purpose digital I/O
P3.3/UCA0TXD/UCA0SIMO (5)
37
G9
I/O
DVIO
Transmit data – USCI_A0 UART mode
Slave in, master out – USCI_A0 SPI mode
General-purpose digital I/O
P3.4/UCA0RXD/UCA0SOMI (5)
38
G7
I/O
DVIO
Receive data – USCI_A0 UART mode
Slave out, master in – USCI_A0 SPI mode
DVSS
39
F9
Digital ground supply
DVIO(6)
40
E9
Digital I/O power supply
General-purpose digital I/O with reconfigurable port mapping
secondary function
Default mapping: Slave transmit enable – USCI_B1 SPI mode
P4.0/PM_UCB1STE/
41
E8
I/O
DVIO
Default mapping: Clock signal input – USCI_A1 SPI slave
PM_UCA1CLK(5)
mode
Default mapping: Clock signal output – USCI_A1 SPI master
mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.1/PM_UCB1SIMO/
42
E7
I/O
DVIO
PM_UCB1SDA(5)
Default mapping: Slave in, master out – USCI_B1 SPI mode
Default mapping: I2C data – USCI_B1 I2C mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.2/PM_UCB1SOMI/
43
D9
I/O
DVIO
PM_UCB1SCL(5)
Default mapping: Slave out, master in – USCI_B1 SPI mode
Default mapping: I2C clock – USCI_B1 I2C mode
(6)
The voltage on DVIO is not supervised or monitored.
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com