Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 48 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 44Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 45Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 46Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 47Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 48Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 49Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 50Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 51Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
6.3
Interrupt Vector Addresses
The interrupt vectors and the power-up start address are in the address range 0FFFFh to 0FF80h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Table 6-1. Interrupt Sources, Flags, and Vectors
SYSTEM
WORD
INTERRUPT SOURCE
INTERRUPT FLAG
PRIORITY
INTERRUPT
ADDRESS
System Reset
Power-Up
External Reset
Watchdog Timeout, Password
WDTIFG, KEYV (SYSRSTIV)(1) (2)
Reset
0FFFEh
63, highest
Violation
Flash Memory Password Violation
PMM Password Violation
System NMI
SVMLIFG, SVMHIFG, DLYLIFG, DLYHIFG,
PMM
VLRLIFG, VLRHIFG, VMAIFG, JMBNIFG,
(Non)maskable
0FFFCh
62
Vacant Memory Access
JMBOUTIFG (SYSSNIV) (1)
JTAG Mailbox
User NMI
NMI
NMIIFG, OFIFG, ACCVIFG, BUSIFG
(Non)maskable
0FFFAh
61
Oscillator Fault
(SYSUNIV)(1) (2)
Flash Memory Access Violation
COMP_B
Comparator B interrupt flags (CBIV) (1) (3)
Maskable
0FFF8h
60
USCI_A0 Receive or Transmit
UCA0RXIFG, UCA0TXIFG (UCA0IV) (1) (3)
Maskable
0FFF6h
59
USCI_B0 Receive or Transmit
UCB0RXIFG, UCB0TXIFG (UCB0IV) (1) (3)
Maskable
0FFF4h
58
Watchdog Timer_A Interval Timer
WDTIFG
Maskable
0FFF2h
57
Mode
USCI_A1 Receive or Transmit
UCA1RXIFG, UCA1TXIFG (UCA1IV) (1) (3)
Maskable
0FFF0h
56
USCI_B1 Receive or Transmit
UCB1RXIFG, UCB1TXIFG (UCB1IV) (1) (3)
Maskable
0FFEEh
55
ADC10_A
ADC10IFG0(1) (3) (4)
Maskable
0FFECh
54
USCI_A2 Receive or Transmit
UCA2RXIFG, UCA2TXIFG (UCA2IV) (1) (3)
Maskable
0FFEAh
53
USCI_B2 Receive or Transmit
UCB2RXIFG, UCB2TXIFG (UCB2IV) (1) (3)
Maskable
0FFE8h
52
TA0
TA0CCR0 CCIFG0(3)
Maskable
0FFE6h
51
TA0CCR1 CCIFG1 to TA0CCR4 CCIFG4,
TA0
Maskable
0FFE4h
50
TA0IFG (TA0IV)(1) (3)
Reserved
Reserved(5)
Maskable
0FFE2h
49
DMA
DMA0IFG, DMA1IFG, DMA2IFG (DMAIV) (1) (3)
Maskable
0FFE0h
48
USCI_A3 Receive or Transmit
UCA3RXIFG, UCA3TXIFG (UCA3IV) (1) (3)
Maskable
0FFDEh
47
USCI_B3 Receive or Transmit
UCB3RXIFG, UCB3TXIFG (UCB3IV) (1) (3)
Maskable
0FFDCh
46
TB0
TB0CCR0 CCIFG0 (3)
Maskable
0FFDAh
45
TB0CCR1 CCIFG1 to TB0CCR6 CCIFG6,
TB0
Maskable
0FFD8h
44
TB0IFG (TB0IV)(1) (3)
TA1
TA1CCR0 CCIFG0(3)
Maskable
0FFD6h
43
TA1CCR1 CCIFG1 to TA1CCR2 CCIFG2,
TA1
Maskable
0FFD4h
42
TA1IFG (TA1IV)(1) (3)
I/O Port P1
P1IFG.0 to P1IFG.7 (P1IV) (1) (3)
Maskable
0FFD2h
41
TA2
TA2CCR0 CCIFG0(3)
Maskable
0FFD0h
40
TA2CCR1 CCIFG1 to TA2CCR2 CCIFG2,
TA2
Maskable
0FFCEh
39
TA2IFG (TA2IV)(1) (3)
I/O Port P2
P2IFG.0 to P2IFG.7 (P2IV) (1) (3)
Maskable
0FFCCh
38
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space.
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
(3)
Interrupt flags are in the module.
(4)
Only on devices with ADC, otherwise reserved
(5)
Reserved interrupt vectors at addresses are not used in this device and can be used for regular program code if necessary. To maintain
compatibility with other devices, TI recommends reserving these locations.
48
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com