Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F5259IRGCT Datasheet HTML 1Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 2Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 3Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 4Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 5Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 6Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
5.20
Typical Characteristics – Outputs, Full Drive
1
Device Overview
......................................... 1
Strength (PxDS.y = 1)
............................... 25
1.1
Features
.............................................. 1
5.21
Crystal Oscillator, XT1, Low-Frequency Mode
..... 26
1.2
Applications
........................................... 2
5.22
Crystal Oscillator, XT2
.............................. 27
1.3
Description
............................................ 2
5.23
Internal Very-Low-Power Low-Frequency Oscillator
1.4
Functional Block Diagram
............................ 3
(VLO)
................................................ 28
2
Revision History
......................................... 5
5.24
Internal Reference, Low-Frequency Oscillator
3
Device Comparison
..................................... 6
(REFO)
.............................................. 28
4
Terminal Configuration and Functions
.............. 7
5.25
DCO Frequency
..................................... 29
4.1
Pin Diagrams
......................................... 7
5.26
PMM, BOR
.......................................... 30
4.2
Signal Descriptions
................................... 9
5.27
PMM, Core Voltage
................................. 30
5
Specifications
........................................... 14
5.28
PMM, SVS High Side
............................... 31
5.1
Absolute Maximum Ratings
........................ 14
5.29
PMM, SVM High Side
............................... 32
5.2
ESD Ratings
........................................ 14
5.30
PMM, SVS Low Side
................................ 32
5.3
Recommended Operating Conditions
............... 14
5.31
PMM, SVM Low Side
............................... 33
5.4
Active Mode Supply Current Into VCC Excluding
5.32
Wake-Up Times From Low-Power Modes and
External Current
..................................... 17
Reset
................................................ 33
5.5
Low-Power Mode Supply Currents (Into VCC)
5.33
Timer_A
............................................. 34
Excluding External Current
.......................... 18
5.34
Timer_B
............................................. 34
5.6
Thermal Characteristics
............................ 19
5.35
USCI (UART Mode) Clock Frequency
.............. 35
5.7
Schmitt-Trigger Inputs – General-Purpose I/O
5.36
USCI (UART Mode)
................................. 35
DVCC Domain
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3, RSTDVCC)
.... 20
5.37
USCI (SPI Master Mode) Clock Frequency
......... 35
5.8
Schmitt-Trigger Inputs – General-Purpose I/O DVIO
5.38
USCI (SPI Master Mode)
............................ 35
Domain
5.39
USCI (SPI Slave Mode)
............................. 37
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0
5.40
USCI (I2C Mode)
.................................... 39
to P7.5, RST/NMI, BSLEN)
................................ 20
5.41
10-Bit ADC, Power Supply and Input Range
5.9
Inputs – Interrupts DVCC Domain Port P6
Conditions
........................................... 40
(P6.0 to P6.7)
.............................................. 20
5.42
10-Bit ADC, Timing Parameters
.................... 40
5.10
Inputs – Interrupts DVIO Domain Ports P1 and P2
(P1.0 to P1.7, P2.0 to P2.7)
................................ 20
5.43
10-Bit ADC, Linearity Parameters
................... 41
5.11
Leakage Current – General-Purpose I/O DVCC
5.44
REF, External Reference
........................... 41
Domain
5.45
REF, Built-In Reference
............................. 42
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
................. 21
5.46
Comparator_B
....................................... 43
5.12
Leakage Current – General-Purpose I/O DVIO Domain
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0
5.47
Flash Memory
....................................... 44
to P7.5)
..................................................... 21
5.48
JTAG and Spy-Bi-Wire Interface
.................... 44
5.13
Outputs – General-Purpose I/O DVCC Domain (Full
5.49
DVIO BSL Entry
..................................... 45
Drive Strength)
6
Detailed Description
................................... 46
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
................. 21
6.1
CPU (Link to user's guide)
......................... 46
5.14
Outputs – General-Purpose I/O DVCC Domain
(Reduced Drive Strength)
6.2
Operating Modes
.................................... 47
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
................. 22
6.3
Interrupt Vector Addresses
.......................... 48
5.15
Outputs – General-Purpose I/O DVIO Domain (Full
6.4
Memory Organization
............................... 49
Drive Strength)
6.5
Bootloader (BSL)
.................................... 50
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0
to P7.5)
..................................................... 22
6.6
JTAG Operation
..................................... 52
5.16
Outputs – General-Purpose I/O DVIO Domain
6.7
Flash Memory (Link to user's guide)
............... 54
(Reduced Drive Strength)
6.8
RAM (Link to user's guide)
......................... 54
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0
6.9
Peripherals
.......................................... 55
to P7.5)
..................................................... 22
5.17
Output Frequency – General-Purpose I/O DVCC
6.10
Input/Output Schematics
............................ 77
Domain
6.11
Device Descriptors
.................................. 93
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
................. 23
7
Device and Documentation Support
............... 95
5.18
Output Frequency – General-Purpose I/O DVIO
7.1
Device Support
...................................... 95
Domain
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0
7.2
Documentation Support
............................. 98
to P7.5)
..................................................... 23
7.3
Related Links
........................................ 98
5.19
Typical Characteristics – Outputs, Reduced Drive
7.4
Community Resources
.............................. 99
Strength (PxDS.y = 0)
............................... 24
7.5
Trademarks
.......................................... 99
4
Table of Contents
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com