Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 61Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 62Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 63Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 64Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 65Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 66Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 67Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 68Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
6.9.20 Peripheral File Map
Table 6-16. Peripherals
OFFSET ADDRESS
MODULE NAME
BASE ADDRESS
RANGE
Special Functions (see Table 6-17)
0100h
000h-01Fh
PMM (see Table 6-18)
0120h
000h-010h
Flash Control (see Table 6-19)
0140h
000h-00Fh
CRC16 (see Table 6-20)
0150h
000h-007h
RAM Control (see Table 6-21)
0158h
000h-001h
Watchdog (see Table 6-22)
015Ch
000h-001h
UCS (see Table 6-23)
0160h
000h-01Fh
SYS (see Table 6-24)
0180h
000h-01Fh
Shared Reference (see Table 6-25)
01B0h
000h-001h
Port Mapping Control (see Table 6-26)
01C0h
000h-002h
Port Mapping Port P4 (see Table 6-26)
01E0h
000h-007h
Port P1, P2 (see Table 6-27)
0200h
000h-01Fh
Port P3, P4 (see Table 6-28)
0220h
000h-00Bh
Port P5, P6 (see Table 6-29)
0240h
000h-01Fh
Port P7 (see Table 6-30)
0260h
000h-00Bh
Port PJ (see Table 6-31)
0320h
000h-01Fh
TA0 (see Table 6-32)
0340h
000h-02Eh
TA1 (see Table 6-33)
0380h
000h-02Eh
TB0 (see Table 6-34)
03C0h
000h-02Eh
TA2 (see Table 6-35)
0400h
000h-02Eh
Real-Time Clock (RTC_A) (see Table 6-36)
04A0h
000h-01Bh
32-Bit Hardware Multiplier (see Table 6-37)
04C0h
000h-02Fh
DMA General Control (see Table 6-38)
0500h
000h-00Fh
DMA Channel 0 (see Table 6-38)
0510h
000h-00Ah
DMA Channel 1 (see Table 6-38)
0520h
000h-00Ah
DMA Channel 2 (see Table 6-38)
0530h
000h-00Ah
USCI_A0 (see Table 6-39)
05C0h
000h-01Fh
USCI_B0 (see Table 6-40)
05E0h
000h-01Fh
USCI_A1 (see Table 6-41)
0600h
000h-01Fh
USCI_B1 (see Table 6-42)
0620h
000h-01Fh
USCI_A2 (see Table 6-39)
0640h
000h-01Fh
USCI_B2 (see Table 6-40)
0660h
000h-01Fh
USCI_A3 (see Table 6-41)
0680h
000h-01Fh
USCI_B3 (see Table 6-42)
06A0h
000h-01Fh
ADC10_A (see Table 6-47)
0740h
000h-01Fh
Comparator_B (see Table 6-48)
08C0h
000h-00Fh
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
65
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com