Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 63Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 64Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 65Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 66Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 67Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 68Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 69Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 70Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
Table 6-23. UCS Registers (Base Address: 0160h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
UCS control 8
UCSCTL8
10h
UCS control 9
UCSCTL9
12h
Table 6-24. SYS Registers (Base Address: 0180h)
REGISTER DESCRIPTION
REGISTER
OFFSET
System control
SYSCTL
00h
Bootloader configuration area
SYSBSLC
02h
JTAG mailbox control
SYSJMBC
06h
JTAG mailbox input 0
SYSJMBI0
08h
JTAG mailbox input 1
SYSJMBI1
0Ah
JTAG mailbox output 0
SYSJMBO0
0Ch
JTAG mailbox output 1
SYSJMBO1
0Eh
User NMI vector generator
SYSUNIV
1Ah
System NMI vector generator
SYSSNIV
1Ch
Reset vector generator
SYSRSTIV
1Eh
Table 6-25. Shared Reference Registers (Base Address: 01B0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Shared reference control
REFCTL
00h
Table 6-26. Port Mapping Registers
(Base Address of Port Mapping Control: 01C0h, Port P4: 01E0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port mapping key/ID register
PMAPKEYID
00h
Port mapping control register
PMAPCTL
02h
Port P4.0 mapping register
P4MAP0
00h
Port P4.1 mapping register
P4MAP1
01h
Port P4.2 mapping register
P4MAP2
02h
Port P4.3 mapping register
P4MAP3
03h
Port P4.4 mapping register
P4MAP4
04h
Port P4.5 mapping register
P4MAP5
05h
Port P4.6 mapping register
P4MAP6
06h
Port P4.7 mapping register
P4MAP7
07h
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
67
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com