Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 10Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 11Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 12Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 13Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 14Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 15Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 16Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
Table 4-1. Terminal Functions (continued)
TERMINAL
NO.(2)
I/O(1)
SUPPLY
DESCRIPTION
NAME
RGC
ZQE
Reset input active low(7)(8)
RST/NMI(5)
56
A5
I
DVIO
Nonmaskable interrupt input(7)
General-purpose digital I/O
P5.2/XT2IN
57
B5
I/O
DVCC
Input terminal for crystal oscillator XT2(9)
General-purpose digital I/O
P5.3/XT2OUT
58
B4
I/O
DVCC
Output terminal of crystal oscillator XT2
Test mode pin – Selects four wire JTAG operation
TEST/SBWTCK(10)
59
A4
I
DVCC
Spy-Bi-Wire input clock when Spy-Bi-Wire operation activated
General-purpose digital I/O
PJ.0/TDO(11)
60
C5
I/O
DVCC
JTAG test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK(11)
61
C4
I/O
DVCC
JTAG test data input or test clock input
General-purpose digital I/O
PJ.2/TMS(11)
62
A3
I/O
DVCC
JTAG test mode select
General-purpose digital I/O
PJ.3/TCK(11)
63
B3
I/O
DVCC
JTAG test clock
Reset input active low(12)
RSTDVCC/SBWTDIO(11)
64
A2
I/O
DVCC
Spy-Bi-Wire data input/output when Spy-Bi-Wire operation
activated
Reserved
N/A
(13)
Reserved
QFN Pad
Pad
N/A
QFN package pad. Connection to VSS recommended.
(7)
This pin is configurable as reset or NMI and resides on the DVIO supply domain. When driven from external, the input swing levels from
DVSS to DVIO are required.
(8)
When this pin is configured as reset, the internal pullup resistor is enabled by default.
(9)
When in crystal bypass mode, XT2IN can be configured so that it can support an input digital waveform with swing levels from DVSS to
DVCC or DVSS to DVIO. In this case, the must pin be configured properly for the intended input swing.
(10) See Section 6.5.1 and Section 6.6 for use with BSL and JTAG functions, respectively.
(11) See Section 6.6 for use with JTAG function.
(12) This nonconfigurable reset resides on the DVCC supply domain and has an internal pullup to DVCC. When driven from external, input
swing levels from DVSS to DVCC are required. This reset must be used for Spy-Bi-Wire communication and is not the same RST/NMI
reset as found on other devices in the MSP430 family. Refer to Section 6.5.1 and Section 6.6 for details regarding the use of this pin.
(13) C6, D4, D5, D6, E3, E4, E5, E6, F3, F4, F5, F6, F7, F8, G3 are reserved and should be connected to ground.
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com