Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 10Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 11Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 12Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 13Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 14Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 15Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
Table 4-1. Terminal Functions (continued)
TERMINAL
NO.(2)
I/O(1)
SUPPLY
DESCRIPTION
NAME
RGC
ZQE
General-purpose digital I/O with reconfigurable port mapping
secondary function
Default mapping: Clock signal input – USCI_B1 SPI slave
P4.3/PM_UCB1CLK/
mode
44
D8
I/O
DVIO
PM_UCA1STE(5)
Default mapping: Clock signal output – USCI_B1 SPI master
mode
Default mapping: Slave transmit enable – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.4/PM_UCA1TXD/
45
D7
I/O
DVIO
PM_UCA1SIMO(5)
Default mapping: Transmit data – USCI_A1 UART mode
Default mapping: Slave in, master out – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.5/PM_UCA1RXD/
46
C9
I/O
DVIO
PM_UCA1SOMI(5)
Default mapping: Receive data – USCI_A1 UART mode
Default mapping: Slave out, master in – USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.6/PM_UCA3TXD/
47
C8
I/O
DVIO
PM_UCA3SIMO(5)
Default mapping: Transmit data – USCI_A3 UART mode
Default mapping: Slave in, master out – USCI_A3 SPI mode
General-purpose digital I/O with reconfigurable port mapping
secondary function
P4.7/PM_UCA3RXD/
48
C7
I/O
DVIO
PM_UCA3SOMI(5)
Default mapping: Receive data – USCI_A3 UART mode
Default mapping: Slave out, master in – USCI_A3 SPI mode
General-purpose digital I/O
P7.0/UCA2TXD/UCA2SIMO (5)
49
B8, B9
I/O
DVIO
Transmit data – USCI_A2 UART mode
Slave in, master out – USCI_A2 SPI mode
General-purpose digital I/O
P7.1/UCA2RXD/UCA2SOMI (5)
50
A9
I/O
DVIO
Receive data – USCI_A2 UART mode
Slave out, master in – USCI_A2 SPI mode
General-purpose digital I/O
Clock signal input – USCI_B2 SPI slave mode
P7.2/UCB2CLK/UCA2STE(5)
51
B7
I/O
DVIO
Clock signal output – USCI_B2 SPI master mode
Slave transmit enable – USCI_A2 SPI mode
General-purpose digital I/O
P7.3/UCB2SIMO/UCB2SDA(5)
52
A8
I/O
DVIO
Slave in, master out – USCI_B2 SPI mode
I2C data – USCI_B2 I2C mode
General-purpose digital I/O
P7.4/UCB2SOMI/UCB2SCL(5)
53
A7
I/O
DVIO
Slave out, master in – USCI_B2 SPI mode
I2C clock – USCI_B2 I2C mode
General-purpose digital I/O
Slave transmit enable – USCI_B2 SPI mode
P7.5/UCB2STE/UCA2CLK(5)
54
A6
I/O
DVIO
Clock signal input – USCI_A2 SPI slave mode
Clock signal output – USCI_A2 SPI master mode
BSLEN(5)
55
B6
I
DVIO
BSL enable with internal pulldown
12
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com