Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 40Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 41Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 42Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 43Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 44Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 45Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 46Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 47Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.47 Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
DVCC(PGM/ERASE) Program and erase supply voltage
1.8
3.6
V
IPGM
Average supply current from DVCC during program
3
5
mA
IERASE
Average supply current from DVCC during erase
6
11
mA
Average supply current from DVCC during mass erase or bank
IMERASE, IBANK
6
11
mA
erase
tCPT
Cumulative program time
See (1)
16
ms
Program and erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
See (2)
64
85
µs
tBlock, 0
Block program time for first byte or word
See (2)
49
65
µs
Block program time for each additional byte or word, except for last
tBlock, 1–(N–1)
See (2)
37
49
µs
byte or word
tBlock, N
Block program time for last byte or word
See (2)
55
73
µs
Erase time for segment, mass erase, and bank erase when
tErase
See (2)
23
32
ms
available
MCLK frequency in marginal read mode
fMCLK,MRG
0
1
MHz
(FCTL4.MRG0 = 1 or FCTL4.MRG1 = 1)
(1)
The cumulative program time must not be exceeded when writing to a 128-byte flash block. This parameter applies to all programming
methods: individual word or byte write mode and block write mode.
(2)
These values are hardwired into the state machine of the flash controller.
5.48 JTAG and Spy-Bi-Wire Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
VIO
MIN
TYP
MAX
UNIT
fSBW
Spy-Bi-Wire input frequency
2.2 V, 3 V
1.62 V to 1.98 V
0
20
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse duration
2.2 V, 3 V
1.62 V to 1.98 V
0.025
15
µs
Spy-Bi-Wire enable time (TEST high to acceptance of first
tSBW, En
1.62 V to 1.98 V
1
µs
clock edge)(1)
tSBW,Rst
Spy-Bi-Wire return to normal operation time
2.2 V, 3 V
1.62 V to 1.98 V
15
100
µs
2.2 V
1.62 V to 1.98 V
0
5
fTCK
TCK input frequency for 4-wire JTAG(2)
MHz
3 V
1.62 V to 1.98 V
0
10
Rinternal
Internal pulldown resistance on TEST
2.2 V, 3 V
1.62 V to 1.98 V
45
60
80
k
Ω
(1)
Tools that access the Spy-Bi-Wire interface must wait for the tSBW,En time after pulling the TEST/SBWTCK pin high before applying the
first SBWTCK clock edge.
(2)
fTCK may be restricted to meet the timing requirements of the module selected.
44
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com