Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 37Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 38Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 39Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 40Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 41Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 42Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 43Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 44Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.43 10-Bit ADC, Linearity Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.4 V
≤ (VeREF+ – VeREF–) ≤ 1.6 V, CVeREF+ = 20 pF
±1.0
Integral
EI
2.2 V, 3 V
LSB
linearity error
1.6 V < (VeREF+ – VeREF–) ≤ VAVCC, CVeREF+ = 20 pF
±1.0
Differential
ED
1.4 V
≤ (VeREF+ – VeREF–), CVeREF+ = 20 pF
2.2 V, 3 V
±1.0
LSB
linearity error
1.4 V
≤ (VeREF+ – VeREF–), CVeREF+ = 20 pF,
EO
Offset error
2.2 V, 3 V
±1.0
LSB
Internal impedance of source RS < 100 Ω
1.4 V
≤ (VeREF+ – VeREF–), CVeREF+ = 20 pF,
EG
Gain error
2.2 V, 3 V
±1.0
LSB
ADC10SREFx = 11b
Total unadjusted
1.4 V
≤ (VeREF+ – VeREF–), CVeREF+ = 20 pF,
ET
2.2 V, 3 V
±1.0
±2.0
LSB
error
ADC10SREFx = 11b
5.44 REF, External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Positive external reference
VeREF+
VeREF+ > VeREF–
(2)
1.4
AVCC
V
voltage input
Negative external reference
VeREF–
VeREF+ > VeREF–
(3)
0
1.2
V
voltage input
(VeREF+ –
Differential external reference
VeREF+ > VeREF–
(4)
1.4
AVCC
V
VeREF–)
voltage input
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC10CLK = 5 MHz, ADC10SHTx = 0x0001,
2.2 V, 3 V
–26
26
µA
Conversion rate 200 ksps
IVeREF+,
Static input current
IVeREF–
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC10CLK = 5 MHZ, ADC10SHTX = 0x1000,
2.2 V, 3 V
–1
1
µA
Conversion rate 20 ksps
CVREF+,
Capacitance at VeREF+ or
See (5)
10
µF
CVREF-
VeREF- terminal
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, CI, is also
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Two decoupling capacitors, 10 µF and 100 nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC10_A. See also the MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208).
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
41
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com