Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 41Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 42Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 43Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 44Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 45Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 46Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 47Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 48Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
BSLEN
RST/NMI
(DVIO domain)
t
V
IT-
V
IT+
V
IT+
t
SU,BSLEN
V
IT-
t
HO,BSLEN
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.49 DVIO BSL Entry
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
VIO
MIN
MAX
UNIT
tSU, BSLEN
Setup time, BSLEN to RST/NMI(1)
2.2 V, 3 V
1.62 V to 1.98 V
100
ns
tHO, BSLEN
Hold time, BSLEN to RST/NMI(2)
2.2 V, 3 V
1.62 V to 1.98 V
350
µs
(1)
AVCC, DVCC, DVIO stable and within specification.
(2)
BSLEN must remain logically high long enough for the boot code to detect its level and enter the BSL sequence. After the minimum hold
time is achieved, BSLEN is a don't care.
Figure 5-18. DVIO BSL Entry Timing
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
45
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com