Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 51Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 52Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 53Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 54Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 55Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 56Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 57Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 58Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
6.9
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using
all instructions. For complete module descriptions, see the MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208).
6.9.1
Digital I/O (Link to user's guide)
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Pullup or pulldown on all ports is programmable.
•
Drive strength on all ports is programmable.
•
Edge-selectable interrupt and LPM4.5 wakeup input capability is available for all bits of ports P1, P2.
•
Edge-selectable interrupt capability is available for all bits of port P6.
•
Read and write access to port-control registers is supported by all instructions.
•
Ports can be accessed byte-wise or word-wise in pairs.
6.9.2
Port Mapping Controller (Link to user's guide)
The port mapping controller allows the flexible and reconfigurable mapping of digital functions to port P4.
Table 6-8. Port Mapping Mnemonics and Functions
VALUE
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
0
PM_NONE
None
DVSS
PM_CBOUT0
–
COMP_B output
1
PM_TB0CLK
TB0 clock input
–
PM_ADC10CLK
–
ADC10CLK
2
PM_DMAE0
DMAE0 input
–
PM_SVMOUT
–
SVM output
3
PM_TB0OUTH
TB0 high-impedance input TB0OUTH
–
4
PM_TB0CCR0A
TB0 CCR0 capture input CCI0A
TB0 CCR0 compare output Out0
5
PM_TB0CCR1A
TB0 CCR1 capture input CCI1A
TB0 CCR1 compare output Out1
6
PM_TB0CCR2A
TB0 CCR2 capture input CCI2A
TB0 CCR2 compare output Out2
7
PM_TB0CCR3A
TB0 CCR3 capture input CCI3A
TB0 CCR3 compare output Out3
8
PM_TB0CCR4A
TB0 CCR4 capture input CCI4A
TB0 CCR4 compare output Out4
9
PM_TB0CCR5A
TB0 CCR5 capture input CCI5A
TB0 CCR5 compare output Out5
10
PM_TB0CCR6A
TB0 CCR6 capture input CCI6A
TB0 CCR6 compare output Out6
PM_UCA1RXD
USCI_A1 UART RXD (direction controlled by USCI – input)
11
PM_UCA1SOMI
USCI_A1 SPI slave out master in (direction controlled by USCI)
PM_UCA1TXD
USCI_A1 UART TXD (direction controlled by USCI – output)
12
PM_UCA1SIMO
USCI_A1 SPI slave in master out (direction controlled by USCI)
PM_UCA1CLK
USCI_A1 clock input/output (direction controlled by USCI)
13
PM_UCB1STE
USCI_B1 SPI slave transmit enable (direction controlled by USCI)
PM_UCB1SOMI
USCI_B1 SPI slave out master in (direction controlled by USCI)
14
PM_UCB1SCL
USCI_B1 I2C clock (open drain and direction controlled by USCI)
PM_UCB1SIMO
USCI_B1 SPI slave in master out (direction controlled by USCI)
15
PM_UCB1SDA
USCI_B1 I2C data (open drain and direction controlled by USCI)
PM_UCB1CLK
USCI_B1 clock input/output (direction controlled by USCI)
16
PM_UCA1STE
USCI_A1 SPI slave transmit enable (direction controlled by USCI)
17
PM_CBOUT1
None
COMP_B output
18
PM_MCLK
None
MCLK
19
PM_RTCCLK
None
RTCCLK output
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
55
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com