Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 47Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 48Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 49Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 50Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 51Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 52Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 53Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 54Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
Table 6-3. BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RST/NMI
External reset
BSLEN
Enable BSL
P4.1/PM_UCB1SDA
I2C data
P4.2/ PM_UCB1SCL
I2C clock
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
6.5.2
Bootloader – UART
The UART BSL enables users to program the flash memory or RAM using a UART serial interface.
Access to the device memory through the BSL is protected by an user-defined password. Because the
F525x have split I/O power domains, it is possible to interface with the BSL from either the DVCC or DVIO
supply domains. This is useful when the MSP430 is interfacing to a host on the DVIO supply domain. The
BSL interface on the DVIO supply domain (Table 6-5) uses the USCI_A0 module configured as a UART.
The BSL interface on the DVCC supply domain (Table 6-4) uses a timer-based UART.
For applications in which it is desirable to have BSL communication based on the DVCC supply domain,
entry to the BSL requires a specific sequence on the RSTDVCC/SBWTDIO and TEST/SBWTCK pins.
Table 6-4 lists the required pins and their function.
NOTE
Devices that are factory programmed with an UART BSL use the DVCC power supply
domain pin configuration per default (see Table 6-4).
NOTE
To invoke the BSL from the DVCC domain, the RSTDVCC/SBWTDIO pin and
TEST/SBWTCK pin must be used for the entry sequence. It is critical not to confuse the
RST/NMI pin with the RSTDVCC/SBWTDIO pin. In many other MSP430 devices, SBWTDIO
is shared with the RST/NMI pin, and RSTDVCC does not exist. Additional information can be
found in Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
Table 6-4. DVCC BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RSTDVCC/SBWTDIO
External reset
TEST/SBWTCK
Enable BSL
P6.1
Data transmit
P6.2
Data receive
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
When using the DVIO supply domain for the BSL, entry to the BSL requires a specific sequence on the
RST/NMI and BSLEN pins. Table 6-5 lists the required pins and their functions. For further details on
interfacing to development tools and device programmers, see the MSP430™ Hardware Tools User's
Guide (SLAU278). For a complete description of the features of the BSL and its implementation, see the
MSP430 Programming With the Bootloader User's Guide (SLAU319). The BSL on the DVIO supply
domain uses the USCI_A0 module configured as a UART.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
51
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com