Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 5Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 6Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 10Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 11Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 12Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
4.2
Signal Descriptions
Table 4-1. Terminal Functions
TERMINAL
NO.(2)
I/O(1)
SUPPLY
DESCRIPTION
NAME
RGC
ZQE
General-purpose digital I/O with port interrupt
TA2 clock signal TA2CLK input
P6.0/TA2CLK/SMCLK/CB0/A0
1
A1
I/O
DVCC
SMCLK output
Comparator_B input CB0
Analog input A0 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
TA2 CCR0 capture: CCI0A input, compare: Out0 output
P6.1/TA2.0/CB1/A1
2
B2
I/O
DVCC
Comparator_B input CB1
Analog input A1 – ADC (not available on all device types)
BSL transmit output
General-purpose digital I/O with port interrupt
TA2 CCR1 capture: CCI1A input, compare: Out1 output
P6.2/TA2.1/CB2/A2
3
B1
I/O
DVCC
Comparator_B input CB2
Analog input A2 – ADC (not available on all device types)
BSL receive input
General-purpose digital I/O with port interrupt
TA2 CCR2 capture: CCI2A input, compare: Out2 output
P6.3/TA2.2/CB3/A3
4
C2
I/O
DVCC
Comparator_B input CB3
Analog input A3 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.4/CB4/A4
5
C1
I/O
DVCC
Comparator_B input CB4
Analog input A4 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.5/CB5/A5
6
D2
I/O
DVCC
Comparator_B input CB5
Analog input A5 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.6/CB6/A6
7
D1
I/O
DVCC
Comparator_B input CB6
Analog input A6 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.7/CB7/A7
8
D3
I/O
DVCC
Comparator_B input CB7
Analog input A7 – ADC (not available on all device types)
General-purpose digital I/O
Analog input A8 – ADC (not available on all device types)
P5.0/A8/VeREF+
9
E1
I/O
DVCC
Input for an external reference voltage to the ADC (not
available on all device types)
General-purpose digital I/O
Analog input A9 – ADC (not available on all device types)
P5.1/A9/VeREF-
10
E2
I/O
DVCC
Negative terminal for the ADC reference voltage for an external
applied reference voltage (not available on all device types)
AVCC
11
F2
Analog power supply
(1)
I = input, O = output
(2)
N/A = not available
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com