Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 48Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 49Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 50Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 51Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 52Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 53Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 54Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 55Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
NOTE
To invoke the BSL from the DVIO domain, the RST/NMI pin and the BSLEN pin must be
used for the entry sequence (see Section 5.49). It is critical not to confuse the RST/NMI pin
with the RSTDVCC/SBWTDIO pin. In many other MSP430 devices, SBWTDIO is shared with
the RST/NMI pin, and RSTDVCC does not exist. Additional information can be found in
Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
Table 6-5. DVIO BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RST/NMI
External reset
BSLEN
Enable BSL
P3.3
Data transmit
P3.4
Data receive
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
6.6
JTAG Operation
6.6.1
JTAG Standard Interface
The MSP430 family supports the standard JTAG interface which requires four signals for sending and
receiving data. The JTAG signals are shared with general-purpose I/O. The TEST/SBWTCK pin is used to
enable the JTAG signals. In addition to these signals, the RSTDVCC/SBWTDIO is required to interface
with MSP430 development tools and device programmers. Table 6-6 lists the JTAG pin requirements. For
further details on interfacing to development tools and device programmers, see the MSP430™ Hardware
Tools User's Guide (SLAU278). For a complete description of the features of the JTAG interface and its
implementation, see MSP430™ Programming Via the JTAG Interface (SLAU320). Additional information
can be found in Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
NOTE
All JTAG I/O pins are supplied by DVCC.
NOTE
Traditionally, on other MSP430 devices, the RST/NMI pin is used for SBWTDIO, so care
must be taken not to mistakenly use the incorrect pin. On the F525x series of devices, it is
required to use RSTDVCC for SBWTDIO as shown in Table 6-6. Additional information can
be found in Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
52
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com