Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 95 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 91Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 92Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 93Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 94Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 95Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 96Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 97Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 98Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
7
Device and Documentation Support
7.1
Device Support
7.1.1
Development Support
7.1.1.1
Getting Started and Next Steps
For more information on the MSP430™ family of devices and the tools and libraries that are available to
help with your development, visit the Getting Started page.
7.1.1.2
Development Tools Support
All MSP430™ microcontrollers are supported by a wide variety of software and hardware development
tools. Tools are available from TI and various third parties. See them all at www.ti.com/msp430tools.
7.1.1.2.1 Hardware Features
See the Code Composer Studio for MSP430 User's Guide (SLAU157) for details on the available features.
Break-
Range
LPMx.5
MSP430
4-Wire
2-Wire
Clock
State
Trace
points
Break-
Debugging
Architecture
JTAG
JTAG
Control
Sequencer
Buffer
(N)
points
Support
MSP430Xv2
Yes
Yes
8
Yes
Yes
Yes
Yes
No
7.1.1.2.2 Recommended Hardware Options
7.1.1.2.2.1 Target Socket Boards
The target socket boards allow easy programming and debugging of the device using JTAG. They also
feature header pin outs for prototyping. Target socket boards can be ordered individually or as a kit with
the JTAG programmer and debugger included. The following table shows the compatible target boards
and the supported packages.
Package
Target Board and Programmer Bundle
Target Board Only
64-pin RCG (QFN)
MSP-FET430U64C
MSP-TS430RGC64C
7.1.1.2.2.2 Experimenter Boards
Experimenter boards and evaluation kits are available for some MSP430 devices. These kits feature
additional hardware components and connectivity for full system evaluation and prototyping. See
www.ti.com/msp430tools for details.
7.1.1.2.2.3 Debugging and Programming Tools
Hardware programming and debugging tools are available from TI and from its third party suppliers. See
the full list of available tools at www.ti.com/msp430tools.
7.1.1.2.2.4 Production Programmers
The production programmers expedite loading firmware to devices by programming several devices
simultaneously.
Part Number
PC Port
Features
Provider
MSP-GANG
Serial and USB
Program up to eight devices at a time. Works with PC or standalone.
Texas Instruments
7.1.1.2.3 Recommended Software Options
7.1.1.2.3.1 Integrated Development Environments
Software development tools are available from TI or from third parties. Open source solutions are also
available.
Copyright © 2013–2015, Texas Instruments Incorporated
Device and Documentation Support
95
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com