Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F5259IRGCT Datasheet HTML 1Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 2Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 3Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 4Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 5Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 6Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
7.6
Electrostatic Discharge Caution
..................... 99
7.8
Glossary
............................................. 99
7.7
Export Control Notice
............................... 99
8
Mechanical, Packaging, and Orderable
Information
.............................................. 99
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2013) to Revision B
Page
•
Document format and organization changes throughout, including addition of section numbering
........................ 1
•
Added Device Information table
.................................................................................................... 2
•
Moved Section 1.4, Functional Block Diagram
................................................................................... 3
•
Added 16KB RAM option in Figure 1-1, Functional Block Diagram
............................................................ 3
•
Added Section 3, Device Comparison, and moved Table 3-1, Family Members, to it
...................................... 6
•
Added Section 4, Terminal Configuration and Functions, and moved pinout drawings and terminal functions
table to it
.............................................................................................................................. 7
•
Added indication of terminals powered by DVIO in RGC pinout
............................................................... 7
•
Added indication of terminals powered by DVIO in ZQE pinout
............................................................... 8
•
Removed preview YFF pinout
....................................................................................................... 8
•
Added SUPPLY column and removed YFF column in Table 4-1, Terminal Functions
...................................... 9
•
Added Section 5 and moved all electrical specifications to it
................................................................. 14
•
Added Section 5.2, ESD Ratings
.................................................................................................. 14
•
Added note on CVCORE .............................................................................................................. 14
•
Added second note "Under certain condtions during the rising transition..." on Figure 5-1
............................... 15
•
Added Section 5.6, Thermal Characteristics
.................................................................................... 19
•
Moved note on RPull from Section 5.7 to Section 5.8 ........................................................................... 20
•
Changed TYP value of CL,eff with Test Conditions of "XTS = 0, XCAPx = 0" from 2 pF to 1 pF ......................... 26
•
Corrected Test Conditions (removed VREF–) for all parameters in Section 5.43 ........................................... 41
•
Updated Test Conditions for all parameters in Section 5.43, 10-Bit ADC, Linearity Parameters: changed from
"CVREF+ = 20 pF" to "CVeREF+ = 20 pF"; changed from "(VeREF+ – VeREF–)min ≤ (VeREF+ – VeREF–)" to
"1.4 V
≤ (VeREF+ – VeREF–)".......................................................................................................... 41
•
Added "CVeREF+ = 20 pF" to EI Test Conditions.................................................................................. 41
•
Added "ADC10SREFx = 11b" to Test Conditions for EG and ET.............................................................. 41
•
Corrected Test Conditions (removed VREF–) for VeREF+, VeREF–, and (VeREF+ – VeREF–) parameters in Section 5.44 .... 41
•
Changed MIN value of AVCC(min) with Test Conditions of "REFVSEL = {0} for 1.5 V" from 2.2 V to 1.8 V .............. 42
•
Corrected spelling of MRG bits in fMCLK,MRG parameter symbol and description ............................................ 44
•
Throughout document, changed "bootstrap loader" to "bootloader"
......................................................... 50
•
Added note to clarify that all JTAG pins are on DVCC
......................................................................... 52
•
Added note to indicate that all SBW pins are on DVCC
...................................................................... 53
•
Removed YFF package information from Table 6-12, TA0 Signal Connections
............................................ 60
•
Removed YFF package information from Table 6-13, TA1 Signal Connections
............................................ 61
•
Removed YFF package information from Table 6-14, TA2 Signal Connections
............................................ 62
•
Removed YFF package information from Table 6-15, TB0 Signal Connections
............................................ 63
•
Changed P5.3 schematic (added P5SEL.2 and XT2BYPASS inputs with AND and OR gates)
......................... 85
•
Changed P5SEL.3 column from X to 0 for "P5.3 (I/O)" rows
.................................................................. 85
•
Changed P5.5 schematic (added P5SEL.5 input and OR gate)
.............................................................. 87
•
Changed P5SEL.5 column from X to 0 for "P5.5 (I/O)" rows
.................................................................. 87
•
Added Section 7 and moved Development Tools Support, Device and Development Tool Nomenclature,
Trademarks, and Electrostatic Discharge Caution sections to it
.............................................................. 95
•
Added Section 8
.................................................................................................................... 99
Copyright © 2013–2015, Texas Instruments Incorporated
Revision History
5
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com