Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5259IRGCT Datasheet HTML 1Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 2Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 3Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 4Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 5Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 6Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
MSP430F525x Mixed-Signal Microcontrollers
1
Device Overview
1.1
Features
1
• Dual-Supply Voltage Device
• Unified Clock System
– Primary Supply (AVCC, DVCC)
– FLL Control Loop for Frequency Stabilization
– Low-Power Low-Frequency Internal Clock
•
Powered From External Supply:
Source (VLO)
3.6 V Down to 1.8 V
– Low-Frequency Trimmed Internal Reference
•
Up to 18 General-Purpose I/Os With up to 8
Source (REFO)
External Interrupts
– 32-kHz Watch Crystals (XT1)
– Low-Voltage Interface Supply (DVIO)
– HF Crystals up to 32 MHz (XT2)
•
Powered From Separate External Supply:
1.62 V to 1.98 V
• 16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
•
Up to 35 General-Purpose I/Os With up to
16 External Interrupts
• 16-Bit Timer TA1, Timer_A With Three
Capture/Compare Registers
•
Serial Communications
• 16-Bit Timer TA2, Timer_A With Three
• Ultra-Low Power Consumption
Capture/Compare Registers
– Active Mode (AM):
• 16-Bit Timer TB0, Timer_B With Seven
All System Clocks Active
Capture/Compare Shadow Registers
290 µA/MHz at 8 MHz, 3.0 V, Flash Program
Execution (Typical)
• Four Universal Serial Communication Interfaces
150 µA/MHz at 8 MHz, 3.0 V, RAM Program
– USCI_A0, A1, A2, A3 Each Support:
Execution (Typical)
•
Enhanced UART With Automatic Baud-Rate
– Standby Mode (LPM3):
Detection
Real-Time Clock (RTC) With Crystal, Watchdog,
•
IrDA Encoder and Decoder
and Supply Supervisor Operational, Full RAM
•
Synchronous SPI
Retention, Fast Wakeup:
– USCI_B0, B1, B2, B3 Each Support:
2.1 µA at 2.2 V, 2.3 µA at 3.0 V (Typical)
•
I2C
Low-Power Oscillator (VLO), General-Purpose
Counter, Watchdog, and Supply Supervisor
•
Synchronous SPI
Operational, Full RAM Retention, Fast Wakeup:
• 10-Bit Analog-to-Digital Converter (ADC) With
1.6 µA at 3.0 V (Typical)
Internal Reference, Sample-and-Hold
– Off Mode (LPM4):
• Comparator
Full RAM Retention, Supply Supervisor
• Hardware Multiplier Supports 32-Bit Operations
Operational, Fast Wakeup:
• Serial Onboard Programming, No External
1.3 µA at 3.0 V (Typical)
Programming Voltage Needed
– Shutdown Mode (LPM4.5):
• Three-Channel Internal DMA
0.18 µA at 3.0 V (Typical)
• Basic Timer With RTC Feature
• Wakeup From Standby Mode in 3.5 µs (Typical)
• Table 3-1 Summarizes the Available Family
• 16-Bit RISC Architecture, Extended Memory, up to
Members and Packages
25-MHz System Clock
• For Complete Module Descriptions, See the
• Flexible Power-Management System
MSP430x5xx and MSP430x6xx Family User's
– Fully Integrated LDO With Programmable
Guide (SLAU208)
Regulated Core Supply Voltage
• For Design Guidelines, See Designing With
– Supply Voltage Supervision, Monitoring, and
MSP430F522x and MSP430F521x Devices
Brownout
(SLAA558)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MSP430F5259IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5259 TI1-MSP430F5259 Datasheet
1Mb / 107P
MSP430F525x Mixed Signal Microcontroller
More results

Similar Description - MSP430F5259IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com