Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 79Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 80Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 81Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 82Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 83Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 84Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 85Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 86Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
P5.0/(A8/VeREF+)
P5.1/(A9/VeREF–)
P5SEL.x
1
0
P5DIR.x
P5IN.x
EN
To module
1
0
From module
P5OUT.x
1
0
DV
SS
DV
CC
P5REN.x
Pad Logic
1
P5DS.x
0: Low drive
1: High drive
D
Bus
Keeper
to/from Reference
(1)
to ADC10
(1)
INCHx = x
(1)
(1) not available for MSPF430F5258
MSPF430F5256
MSPF430F5254
MSPF430F5252
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
6.10.5 Port P5, P5.0 and P5.1, Input/Output With Schmitt Trigger
Table 6-53. Port P5 (P5.0 and P5.1) Pin Functions
CONTROL BITS AND SIGNALS(1)
PIN NAME (P5.x)
x
FUNCTION
P5DIR.x
P5SEL.x
REFOUT(2)
P5.0/A8/VeREF+
0
P5.0 (I/O)(3)
I: 0; O: 1
0
X
A8/VeREF+(4)
X
1
0
P5.1/A9/VeREF–
1
P5.1 (I/O)(3)
I: 0; O: 1
0
X
A9/VeREF– (5)
X
1
0
(1)
X = Don't care
(2)
REFOUT resides in the REF module.
(3)
Default condition
(4)
Setting the P5SEL.0 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog
signals. An external voltage can be applied to VeREF+ and used as the reference for the ADC10_A. Channel A8, when selected with
the INCHx bits, is connected to the VeREF+ pin.
(5)
Setting the P5SEL.1 bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog
signals. An external voltage can be applied to VeREF- and used as the reference for the ADC10_A. Channel A9, when selected with the
INCHx bits, is connected to the VeREF- pin.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
83
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com