Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 29Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 30Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 31Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 32Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 33Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 34Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 35Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 36Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.31 PMM, SVM Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMLE = 0, PMMCOREV = 2
0
nA
I(SVML)
SVML current consumption
SVMLE= 1, PMMCOREV = 2, SVMLFP = 0
200
SVMLE= 1, PMMCOREV = 2, SVMLFP = 1
1.5
µA
SVMLE = 1, dVCORE/dt = 10 mV/µs,
2.5
SVMLFP = 1
tpd(SVML)
SVML propagation delay
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs,
20
SVMLFP = 0
SVMLE = 0
→ 1, dVCORE/dt = 10 mV/µs,
12.5
SVMLFP = 1
t(SVML)
SVML on or off delay time
µs
SVMLE = 0
→ 1, dVCORE/dt = 1 mV/µs,
100
SVMLFP = 0
5.32 Wake-Up Times From Low-Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLK ≥ 4.0 MHz
3.5
7.5
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
tWAKE-UP-FAST
LPM3, or LPM4 to active
(where n = 0, 1, 2, or 3),
µs
1.0 MHz < fMCLK <
4.5
9
mode(1)
SVSLFP = 1
4.0 MHz
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
tWAKE-UP-SLOW
LPM3 or LPM4 to active
(where n = 0, 1, 2, or 3),
150
175
µs
mode(2)
SVSLFP = 0
Wake-up time from LPM4.5
tWAKE-UP-LPM5
2
3
ms
to active mode(3)
Wake-up time from RST or
tWAKE-UP-RESET
2
3
ms
BOR event to active mode(3)
(1)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the performance
mode of the low-side supervisor (SVSL) and low-side monitor (SVML). Fastest wake-up times are possible with SVSLand SVML in full-
performance mode or disabled when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while
operating in LPM2, LPM3, and LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx
and MSP430x6xx Family User's Guide (SLAU208).
(2)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the performance
mode of the low-side supervisor (SVSL) and low-side monitor (SVML). In this case, the SVSLand SVML are in normal mode (low current)
mode when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while operating in LPM2, LPM3, and
LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208).
(3)
This value represents the time from the wake-up event to the reset vector execution.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
33
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com