Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 6Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 7Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 8Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 9Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 10Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 11Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 12Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 13Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
Table 4-1. Terminal Functions (continued)
TERMINAL
NO.(2)
I/O(1)
SUPPLY
DESCRIPTION
NAME
RGC
ZQE
General-purpose digital I/O
P5.4/XIN
12
F1
I/O
DVCC
Input terminal for crystal oscillator XT1(3)
General-purpose digital I/O
P5.5/XOUT
13
G1
I/O
DVCC
Output terminal of crystal oscillator XT1
AVSS
14
G2
Analog ground supply
DVCC
15
H1
Digital power supply
DVSS
16
J1
Digital ground supply
Regulated core power supply output (internal use only, no
VCORE(4)
17
J2
DVCC
external current loading)
General-purpose digital I/O with port interrupt
P1.0/TA0CLK/ACLK(5)
18
H2
I/O
DVIO
TA0 clock signal TA0CLK input
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O with port interrupt
P1.1/TA0.0(5)
19
H3
I/O
DVIO
TA0 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P1.2/TA0.1(5)
20
J3
I/O
DVIO
TA0 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P1.3/TA0.2(5)
21
G4
I/O
DVIO
TA0 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P1.4/TA0.3(5)
22
H4
I/O
DVIO
TA0 CCR3 capture: CCI3A input compare: Out3 output
General-purpose digital I/O with port interrupt
P1.5/TA0.4(5)
23
J4
I/O
DVIO
TA0 CCR4 capture: CCI4A input, compare: Out4 output
General-purpose digital I/O with port interrupt
P1.6/TA1CLK/CBOUT (5)
24
G5
I/O
DVIO
TA1 clock signal TA1CLK input
Comparator_B output
General-purpose digital I/O with port interrupt
P1.7/TA1.0(5)
25
H5
I/O
DVIO
TA1 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.0/TA1.1(5)
26
J5
I/O
DVIO
TA1 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.1/TA1.2(5)
27
G6
I/O
DVIO
TA1 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.2/UCB3SIMO/UCB3SDA(5)
28
J6
I/O
DVIO
Slave in, master out – USCI_B3 SPI mode
I2C data – USCI_B3 I2C mode
General-purpose digital I/O with port interrupt
Clock signal input – USCI_B3 SPI slave mode
P2.3/UCB3SOMI/UCB3SCL(5)
29
H6
I/O
DVIO
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
General-purpose digital I/O with port interrupt
Clock signal input – USCI_B3 SPI slave mode
P2.4/UCB3CLK/UCA3STE(5)
30
J7
I/O
DVIO
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
(3)
When in crystal bypass mode, XIN can be configured so that it can support an input digital waveform with swing levels from DVSS to
DVCC or DVSS to DVIO. In this case, the pin must be configured properly for the intended input swing.
(4)
VCORE is for internal use only. No external current loading is possible. VCORE should be connected only to the recommended
capacitor value, CVCORE (see Section 5.3).
(5)
This pin function is supplied by DVIO. See Section 5.8 for input and output requirements.
10
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com