Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259IRGCT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 31Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 32Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 33Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 34Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 35Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 36Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 37Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 38Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.35 USCI (UART Mode) Clock Frequency
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Internal: SMCLK, ACLK
fUSCI
USCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ±10%
BITCLK clock frequency
fBITCLK
1
MHz
(equals baud rate in MBaud)
5.36 USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
VIO
MIN
MAX
UNIT
1.8 V
1.62 V to 1.80 V
50
600
tτ
UART receive deglitch time(1)
ns
3.0 V
1.62 V to 1.98 V
50
600
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To make sure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
5.37 USCI (SPI Master Mode) Clock Frequency
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Internal: SMCLK or ACLK,
fUSCI
USCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ±10%
5.38 USCI (SPI Master Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
(see Figure 5-13 and Figure 5-14)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX
UNIT
SMCLK or ACLK,
fUSCI
USCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ±10%
1.8 V
1.62 V to 1.80 V
55
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
55
tSU,MI
SOMI input data setup time
ns
2.4 V
1.62 V to 1.98 V
35
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
35
1.8 V
1.62 V to 1.80 V
0
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
0
tHD,MI
SOMI input data hold time
ns
2.4 V
1.62 V to 1.98 V
0
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
0
1.8 V
1.62 V to 1.80 V
20
UCLK edge to SIMO valid,
CL = 20 pF, PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
20
tVALID,MO
SIMO output data valid time(2)
ns
2.4 V
1.62 V to 1.98 V
16
UCLK edge to SIMO valid,
CL = 20 pF, PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
16
1.8 V
1.62 V to 1.80 V
–10
CL = 20 pF, PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
–10
tHD,MO
SIMO output data hold time(3)
ns
2.4 V
1.62 V to 1.98 V
–10
CL = 20 pF, PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
–10
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(USCI) + tSU,SI(Slave), tSU,MI(USCI) + tVALID,SO(Slave)).
For the slave parameters tSU,SI(Slave) and tVALID,SO(Slave) see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-13 and Figure 5-14.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. See the timing diagrams in Figure 5-
13 and Figure 5-14.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
35
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com