Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 147 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 147 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 140Page - Cypress Semiconductor PSOC Datasheet HTML 141Page - Cypress Semiconductor PSOC Datasheet HTML 142Page - Cypress Semiconductor PSOC Datasheet HTML 143Page - Cypress Semiconductor PSOC Datasheet HTML 144Page - Cypress Semiconductor PSOC Datasheet HTML 145Page - Cypress Semiconductor PSOC Datasheet HTML 146Page - Cypress Semiconductor PSOC Datasheet HTML 147Page - Cypress Semiconductor PSOC Datasheet HTML 148Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
Ordering Guide
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
147
15.0 Ordering Guide
Table 122:
Ordering Guide
Type
Ordering Code
Flash
(KBytes)
RAM
(Bytes)
SMP
Temperature
Range
8 Pin (300 Mil) Molded DIP
CY8C25122-24PI
4
256
No
Ind. -40C to +85C
20 Pin (300 Mil) Molded DIP
CY8C26233-24PI
8
256
Yes
Ind. -40C to +85C
20 Pin (300 Mil) Molded SOIC
CY8C26233-24SI
8
256
Yes
Ind. -40C to +85C
20 Pin (210 Mil) Shrunk Small Outline
Package
CY8C26233-24PVI
8
256
Yes
Ind. -40C to +85C
28 Pin (300 Mil) Molded DIP
CY8C26443-24PI
16
256
Yes
Ind. -40C to +85C
28 Pin (300 Mil) Molded SOIC
CY8C26443-24SI
16
256
Yes
Ind. -40C to +85C
28 Pin (210 Mil) Shrunk Small Outline
Package
CY8C26443-24PVI
16
256
Yes
Ind. -40C to +85C
48 Pin (600 Mil) Molded DIP
CY8C26643-24PI
16
256
Yes
Ind. -40C to +85C
48 Pin (300 Mil) Shrunk Small Outline
Package
CY8C26643-24PVI
16
256
Yes
Ind. -40C to +85C
44 Pin Thin Plastic Quad Flatpack
CY8C26643-24AI
16
256
Yes
Ind. -40C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com