Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 140 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 140 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 136Page - Cypress Semiconductor PSOC Datasheet HTML 137Page - Cypress Semiconductor PSOC Datasheet HTML 138Page - Cypress Semiconductor PSOC Datasheet HTML 139Page - Cypress Semiconductor PSOC Datasheet HTML 140Page - Cypress Semiconductor PSOC Datasheet HTML 141Page - Cypress Semiconductor PSOC Datasheet HTML 142Page - Cypress Semiconductor PSOC Datasheet HTML 143Page - Cypress Semiconductor PSOC Datasheet HTML 144Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
140
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
13.3.3
AC Programming Specifications
Table 120:
AC Programming Specifications
Symbol
AC Programming Specifications
Minimum
Typical
Maximum
Unit
Trsclk
Rise Time of SCLK
1
-
20
ns
Tfsclk
Fall Time of SCLK
1
-
20
ns
Tssclk
Data Set up Time to Rising Edge of SCLK
25
-
-
ns
Thsclk
Data Hold Time from Rising Edge of SCLK
25
-
-
ns
Fsclk
Frequency of SCLK
2
-
20
MHz
Teraseb
Flash Erase Time (Block)
-
10
-
ms
Terasef
Flash Erase Time (Full)
-
40
-
ms
Twrite
Flash Block Write Time
2
10
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com