Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 139 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 139 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 135Page - Cypress Semiconductor PSOC Datasheet HTML 136Page - Cypress Semiconductor PSOC Datasheet HTML 137Page - Cypress Semiconductor PSOC Datasheet HTML 138Page - Cypress Semiconductor PSOC Datasheet HTML 139Page - Cypress Semiconductor PSOC Datasheet HTML 140Page - Cypress Semiconductor PSOC Datasheet HTML 141Page - Cypress Semiconductor PSOC Datasheet HTML 142Page - Cypress Semiconductor PSOC Datasheet HTML 143Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
139
13.3.2
AC Analog Output Buffer Specifications
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 5V +/- 5% and –40°C <= TA <= 85°C. Typical
parameters are provided for design guidance only. Typi-
cal parameters apply to 5V and 25°C. For 3.3V opera-
tion, see Table 119 on page 139.
Table 118:
5V AC Analog Output Buffer Specifications
Symbol
5V AC Analog Output Buffer Specifications
Minimum
Typical
Maximum
Unit
Rising Settling Time to 0.1%, 1V Step, 100pF Load
Bias = Low
Bias = High
-
-
-
-
2.5
2.5
µS
µS
Falling Settling Time to 0.1%, 1V Step, 100pF Load
Bias = Low
Bias = High
-
-
-
-
2.2
2.2
µS
µS
Rising Slew Rate (20% to 80%), 1V Step, 100pF Load
Bias = Low
Bias = High
.9
.9
-
-
-
-
V/µS
V/µS
Falling Slew Rate (80% to 20%), 1V Step, 100pF Load
Bias = Low
Bias = High
.9
.9
-
-
-
-
V/µS
V/µS
Small Signal Bandwidth, 20mVpp, 3dB BW, 100pF Load
Bias = Low
Bias = High
1.5
1.5
-
-
-
-
MHz
MHz
Large Signal Bandwidth, 1Vpp, 3dB BW, 100pF Load
Bias = Low
Bias = High
600
600
-
-
-
-
kHz
kHz
Table 119:
3.3V AC Analog Output Buffer Specifications
Symbol
3.3V AC Analog Output Buffer Specifications
Minimum
Typical
Maximum
Unit
Rising Settling Time to 0.1%, 1V Step, 100pF Load
Bias = Low
Bias = High
-
-
-
-
3.2
3.2
µS
µS
Falling Settling Time to 0.1%, 1V Step, 100pF Load
Bias = Low
Bias = High
-
-
-
-
2.6
2.6
µS
µS
Rising Slew Rate (20% to 80%), 1V Step, 100pF Load
Bias = Low
Bias = High
.5
.5
-
-
-
-
V/µS
V/µS
Falling Slew Rate (80% to 20%), 1V Step, 100pF Load
Bias = Low
Bias = High
.5
.5
-
-
-
-
V/µS
V/µS
Small Signal Bandwidth, 20mVpp, 3dB BW, 100pF Load
Bias = Low
Bias = High
1.3
1.3
-
-
-
-
MHz
MHz
Large Signal Bandwidth, 1Vpp, 3dB BW, 100pF Load
Bias = Low
Bias = High
360
360
-
-
-
-
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com