Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 137 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 137 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor PSOC Datasheet HTML 135Page - Cypress Semiconductor PSOC Datasheet HTML 136Page - Cypress Semiconductor PSOC Datasheet HTML 137Page - Cypress Semiconductor PSOC Datasheet HTML 138Page - Cypress Semiconductor PSOC Datasheet HTML 139Page - Cypress Semiconductor PSOC Datasheet HTML 140Page - Cypress Semiconductor PSOC Datasheet HTML 141Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
137
13.3.1
AC Operational Amplifier Specifications
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 5V +/- 5% and –40°C <= TA <= 85°C. Typical
parameters are provided for design guidance only. Typi-
cal parameters apply to 5V and 25°C. Settling times and
slew rates are based on the Analog Switch Cap PSoC
block. The block is configured as an auto zeroed, gain of
0.5, output sampled amplifier. All 32-feedback caps are
on, 16 input caps are used (divide by 2), and the output
steps of 0.625V. Gain bandwidth is based on Analog
Continuous Time PSoC blocks. For 3.3V operation, see
Table 117 on page 138.
Table 116:
5V AC Operational Amplifier Specifications
Symbol
5V AC Operational Amplifier Specifications
Minimum
Typical
Maximum
Unit
Rising Settling Time to 0.1%
Bias = Low
Bias = Medium
Bias = High
-
-
-
-
-
-
2.7
1.4
0.6
µS
µS
µS
Falling Settling Time to 0.1%
Bias = Low
Bias = Medium
Bias = High
-
-
-
-
-
-
1.7
0.9
0.5
µS
µS
µS
Rising Slew Rate (20% to 80%)
Bias = Low
Bias = Medium
Bias = High
0.4
0.7
2.0
-
-
-
-
-
-
V/µS
V/µS
V/µS
Falling Slew Rate (80% to 20%)
Bias = Low
Bias = Medium
Bias = High
0.7
1.7
2.5
-
-
-
-
-
-
V/µS
V/µS
V/µS
Gain Bandwidth Product
Bias = Low
Bias = Medium
Bias = High
1.7
4.6
8.9
-
-
-
-
-
-
MHz
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com