Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor PSOC Datasheet HTML 135Page - Cypress Semiconductor PSOC Datasheet HTML 136Page - Cypress Semiconductor PSOC Datasheet HTML 137Page - Cypress Semiconductor PSOC Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
134
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
13.2.7
DC Analog PSoC Block Specifications
The following table lists guaranteed maximum and mini-
mum specifications include both voltage ranges, 5V +/-
5% and 3.3V +/- 10% and the temperature range -40°C
<= TA <= 85°C. Typical parameters apply to 3.3V and 5V
at 25°C and are for design guidance only.
Table 112:
3.3V DC Analog Reference Specifications
Symbol
3.3V DC Analog Reference Specifications
Minimum
Typical
Maximum
Unit
AGND = Vcc/2 1
CT Block Bias = High
1.
AGND tolerance includes the offsets of the local buffer in the PSoC block. Bandgap voltage is 1.3V ± 2%
Vcc/2 - 0.007
Vcc/2 - 0.003
Vcc/2 + 0.002 V
AGND = 2*BandGap1
CT Block Bias = High
Not Allowed
AGND = P2[4] (P2[4] = Vcc/2)
CT Block Bias = High
P24 - 0.008
P24 + 0.001
P24 + 0.009
V
AGND Column to Column Variation (AGND=Vcc/
2)1
CT Block Bias = High
-0.034
0.000
0.034
mV
REFHI = Vcc/2 + BandGap
Ref Control Bias = High
Not Allowed
REFHI = 3*BandGap
Ref Control Bias = High
Not Allowed
REFHI = 2*BandGap + P2[6] (P2[6] = 0.5V)
Ref Control Bias = High
Not Allowed
REFHI = P2[4] + BandGap (P2[4] = Vcc/2)
Ref Control Bias = High
Not Allowed
REFHI = P2[4] + P2[6] (P2[4] = Vcc/2, P2[6] =
0.5V)
Ref Control Bias = High
P2[4]+P2[6] -
0.075
P2[4]+P2[6] -
0.009
P2[4]+P2[6]+
0.057
V
REFLO = Vcc/2 - BandGap
Ref Control Bias = High
Not Allowed
REFLO = BandGap
Ref Control Bias = High
Not Allowed
REFLO = 2*BandGap - P2[6] (P2[6] = 0.5V)
Ref Control Bias = High
Not Allowed
REFLO = P2[4] – BandGap (P2[4] = Vcc/2)
Ref Control Bias = High
Not Allowed
REFLO = P2[4]-P2[6] (P2[4] = Vcc/2, P2[6] =
0.5V)
Ref Control Bias = High
P2[4]-P2[6] -
0.048
P24-P26 +
0.022
P2[4]-P2[6] +
0.092
V
Table 113:
DC Analog PSoC Block Specifications
Symbol
DC Analog PSoC Block Specifications
Minimum
Typical
Maximum
Unit
Resistor Unit Value (Continuous Time)
-
45
-
K
Ω
Capacitor Unit Value (Switch Cap)
-
70
-
fF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com