Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 130 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 130 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
130
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
13.2.2
Analog Input Pin with Multiplexer Specifications
13.2.3
Analog Input Pin to Switch Cap Block Specifications
13.2.4
DC Analog Output Buffer Specifications
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 5V +/- 5% and -40°C <= TA <= 85°C. Typical
parameters apply to 5V at 25°C and are for design guid-
ance only. For 3.3V operation, see Table 109 on
page 131.
Table 106:
DC Analog Input Pin with Multiplexer Specifications
Symbol
DC Analog Input Pin with Multiplexer Specifications
Minimum
Typical
Maximum
Unit
Input Leakage (Absolute Value)
-
0.1
5
µA
Input Capacitance
0.5
1.7
8
pF
Bandwidth
-
10
-
MHz
Input Voltage Range
0
-
Vcc
V
Table 107:
DC Analog Input Pin to SC Block Specifications
Symbol
DC Analog Input Pin to SC Block Specifications
Minimum
Typical
Maximum
Unit
Effective input resistance = 1/(f x c)
-
51
1.
Assumes 2 pF cap selected and 100 kHz sample frequency.
-
M
Ω
Input Capacitance
0.5
-
10
pF
Bandwidth
-
-
1002
2.
This is a sampled input. Recommendation is Fs/Fin > 10 and for Fs = 1 MHz Fin < 100 kHz.
kHz
Input Voltage Range
0
-
Vcc
V
Table 108:
5V DC Analog Output Buffer Specifications
Symbol
5V DC Analog Output Buffer Specifications
Minimum
Typical
Maximum
Unit
Input Offset Voltage (Absolute Value)
-
3
12
mV
Average Input Offset Voltage Drift
-
+6
-
µV/°C
Common-Mode Input Voltage Range
.5
-
Vcc - 1.0
V
Output Resistance
Bias = Low
Bias = High
-
-
1
1
-
-
Ω
Ω
High Output Voltage Swing (Load = 32 ohms to Vcc/2)
Bias = Low
Bias = High
.5 x Vcc + 1.3
.5 x Vcc + 1.3
-
-
-
-
V
V
Low Output Voltage Swing (Load = 32 ohms to Vcc/2)
Bias = Low
Bias = High
-
-
-
-
.5 x Vcc - 1.3
.5 x Vcc - 1.3
V
V
Supply Current Including Bias Cell (No Load)
Bias = Low
Bias = High
-
-
1.1
2.6
5.1
8.8
mA
mA
Supply Voltage Rejection Ratio
80
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com