Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 131 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 131 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor PSOC Datasheet HTML 135Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
131
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 3.3V +/- 10% and -40°C <= TA <= 85°C. Typical
parameters apply to 5V at 25°C and are for design guid-
ance only. For 5V operation, see Table 108 on page 130.
Table 109:
3.3V DC Analog Output Buffer Specifications
Symbol
3.3V DC Analog Output Buffer Specifications
Minimum
Typical
Maximum
Unit
Input Offset Voltage (Absolute Value)
-
3
12
mV
Average Input Offset Voltage Drift
-
+6
-
µV/°C
Common-Mode Input Voltage Range
.5
-
Vcc - 1.0
V
Output Resistance
Bias = Low
Bias = High
-
-
1
1
-
-
Ω
Ω
High Output Voltage Swing (Load = 32 ohms to Vcc/2)
Bias = Low
Bias = High
.5 x Vcc + 1.3
.5 x Vcc + 1.3
-
-
-
-
V
V
Low Output Voltage Swing (Load = 32 ohms to Vcc/2)
Bias = Low
Bias = High
-
-
-
-
.5 x Vcc - 1.3
.5 x Vcc - 1.3
V
V
Supply Current Including Bias Cell (No Load)
Bias = Low
Bias = High
-
-
0.8
2.0
2.0
4.3
mA
mA
Supply Voltage Rejection Ratio
80
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com