Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 129 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 129 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
129
13.2.1.2
3.3V Specifications
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 3.3V +/- 10% and -40°C <= TA <= 85°C. The
Operational Amplifier is a component of both the Analog
Continuous Time PSoC blocks and the Analog Switch
Cap PSoC blocks. The guaranteed specifications are
measured in the Analog Continuous Time PSoC block.
Typical parameters apply to 5V at 25°C and are for
design guidance only. For 5V operation, see Table 104
on page 128.
Table 105:
3.3V DC Operational Amplifier Specifications
Symbol
3.3V DC Operational Amplifier Specifications
Minimum
Typical
Maximum
Unit
Input Offset Voltage (Absolute Value)
-
7
30
mV
Average Input Offset Voltage Drift
-
+24
-
µV/°C
Input Leakage Current1
1.
The leakage current includes the Analog Continuous Time PSoC block mux and the analog input mux. The leak-
age related to the General Purpose I/O pins is not included here.
-
2
700
nA
Input Capacitance2
2.
The Input Capacitance includes the Analog Continuous Time PSoC block mux and the analog input mux. The
capacitance of the General Purpose I/O pins is not included here.
.32
.36
.42
pF
Common Mode Voltage Range3
3.
The common-mode input voltage range is measured through an analog output buffer. The specification includes
the limitations imposed by the characteristics of the analog output buffer
.5
-
Vcc - 1.0
VDC
Common Mode Rejection Ratio
80
-
-
dB
Open Loop Gain
80
-
-
dB
High Output Voltage Swing (Worst Case Internal Load)
Bias = Low
Bias = Medium
Bias = High
Vcc - .4
Vcc - .4
Vcc - .4
-
-
-
-
-
-
V
V
V
Low Output Voltage Swing (Worst Case Internal Load)
Bias = Low
Bias = Medium
Bias = High
-
-
-
-
-
-
0.1
0.1
0.1
V
V
V
Supply Current (Including Associated AGND Buffer)
Bias = Low
Bias = Medium
Bias = High
-
-
-
80
112
320
200
300
800
µA
µA
µA
Supply Voltage Rejection Ratio
60
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com