Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 125 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 125 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 121Page - Cypress Semiconductor PSOC Datasheet HTML 122Page - Cypress Semiconductor PSOC Datasheet HTML 123Page - Cypress Semiconductor PSOC Datasheet HTML 124Page - Cypress Semiconductor PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
125
13.0 DC and AC Characteristics
Specifications are valid for -40 oC = TA = 85 oC and TJ = 100 oC as specified, except where noted.
13.1 Absolute Maximum Ratings
Figure 35: CY8C25xxx/CY8C26xxx Voltage Frequency Graph
Table 101:
Absolute Maximum Ratings
Symbol
Absolute Maximum Ratings
Minimum
Typical
Maximum
Unit
Storage Temperature
-65
-
+100 1
1.
Higher storage temperatures will reduce data retention time.
oC
Ambient Temperature with Power Applied
-40
-
+85
oC
Supply Voltage on VCC Relative to Vss
-0.5
-
+6.0
V
DC Input Voltage
-0.5
-
Vcc+0.5
V
DC Voltage Applied to Tri-state
Vss-0.5
-
Vcc+0.5
V
Maximum Current into any Port Pin
-25
-
+50
mA
Maximum Current into any Port Pin Config-
ured as Analog Driver
-50
-
+50
mA
Junction Temperature
-
-
1002
2.
The temperature rise from junction to ambient is package specific. (See Table 121 on page 146 for thermal imped-
ances of available packages.) User must limit power consumption to comply with this requirement.
oC
Static Discharge Voltage
2000
-
-
V
Latch-up Current
200
-
-
mA
5.25
4.75
3.00
93 kHz
12 MHz
24 MHz
CPU Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com